Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC424J600 Datasheet(PDF) 86 Page - Microchip Technology

Part # ENC424J600
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 Datasheet(HTML) 86 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 82Page - Microchip Technology ENC424J600 Datasheet HTML 83Page - Microchip Technology ENC424J600 Datasheet HTML 84Page - Microchip Technology ENC424J600 Datasheet HTML 85Page - Microchip Technology ENC424J600 Datasheet HTML 86Page - Microchip Technology ENC424J600 Datasheet HTML 87Page - Microchip Technology ENC424J600 Datasheet HTML 88Page - Microchip Technology ENC424J600 Datasheet HTML 89Page - Microchip Technology ENC424J600 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 168 page
background image
ENC424J600/624J600
DS39935C-page 84
 2010 Microchip Technology Inc.
FIGURE 9-2:
EXAMPLES FOR SELECTING ETXLEN VALUES
00 1F 2E 3D 4C 5B 00 04 A3 11 22 33 80 00 00 01 02
28 00 00 00 00 00 00 1F 2E 3D
...
Destination
Address
Source
Address
Protocol
Data
Padding
Next Packet
MAC address insertion disabled (TXMAC = 0)
Automatic padding disabled (PADCFG<2:0> = 000)
CRC generation enabled (TXCRCEN = 1)
80 00 00 01 02
28 00 00 00 00 00 00 1F 2E 3D
...
Destination
Address
Protocol
Data
Padding
Next Packet
MAC address insertion enabled (TXMAC = 1)
Automatic padding disabled (PADCFG<2:0> = 000)
CRC generation enabled (TXCRCEN = 1)
80 00 00 01 02
28 00 1F 2E 3D
...
Destination
Address
Data
Protocol
Next Packet
MAC insertion enabled (TXMAC = 1)
Automatic padding enabled (PADCFG<2:0> = 101)
CRC generation enabled (TXCRCEN = 1)
...
...
...
00 1F 2E 3D 4C 5B
00 1F 2E 3D 4C 5B
0120h
0130h
0156h
015Bh
0120h
012Ah
0150h
0155h
0120h
012Ah
0150h
Example 1: Source Address and Padding Provided by Application
ETXST = 0120h
ETXLEN =
3Ch
Example 2: Padding Provided by Application, Source Address to be Inserted by ENCX24J600
Example 3: Source Address and Padding to be Inserted by ENCX24J600
ETXST = 0120h
ETXLEN =
36h
ETXST = 0120h
ETXLEN =
31h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com