Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC424J600 Datasheet(PDF) 95 Page - Microchip Technology

Part # ENC424J600
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 Datasheet(HTML) 95 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 91Page - Microchip Technology ENC424J600 Datasheet HTML 92Page - Microchip Technology ENC424J600 Datasheet HTML 93Page - Microchip Technology ENC424J600 Datasheet HTML 94Page - Microchip Technology ENC424J600 Datasheet HTML 95Page - Microchip Technology ENC424J600 Datasheet HTML 96Page - Microchip Technology ENC424J600 Datasheet HTML 97Page - Microchip Technology ENC424J600 Datasheet HTML 98Page - Microchip Technology ENC424J600 Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 168 page
background image
 2010 Microchip Technology Inc.
DS39935C-page 93
ENC424J600/624J600
REGISTER 9-3:
ESTAT: ETHERNET STATUS REGISTER
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
INT
FCIDLE
RXBUSY
CLKRDY
r
PHYDPX
rPHYLNK
bit 15
bit 8
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
PKTCNT7
PKTCNT6
PKTCNT5
PKTCNT4
PKTCNT3
PKTCNT2
PKTCNT1
PKTCNT0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
INT:
Interrupt Pending Status bit
1
= One of the EIR bits is set and enabled by the EIE register. If INTIE (EIE<15>) is set, the INT pin is
also driven low.
0
= No enabled interrupts are currently pending. The INT pin is being driven high.
bit 14
FCIDLE:
Flow Control Idle Status bit
1
= Internal flow control state machine is Idle. It is safe to change the FCOP (ECON1<7:6>) and
FULDPX (MACON2<0>) bits.
0
= Internal flow control state machine is busy. Do not modify the FCOP (ECON1<7:6>) or FULDPX
(MACON2<0>) bits.
bit 13
RXBUSY:
Receive Logic Active Status bit
1
= Receive logic is currently receiving a packet. This packet may be discarded in the future if an RX
buffer overflow occurs or a receive filter rejects it, so this bit does not necessarily indicate that an
RX packet pending interrupt will occur.
0
= Receive logic is Idle
bit 12
CLKRDY:
Clock Ready Status bit
1
= Normal operation
0
= Internal Ethernet clocks are not running and stable yet. Only the ESTAT and EUDAST registers
should be accessed.
bit 11
Reserved:
Ignore on read
bit 10
PHYDPX:
PHY Full Duplex Status bit
1
= PHY is operating in Full-Duplex mode
0
= PHY is operating in Half-Duplex mode
bit 9
Reserved:
Ignore on read
bit 8
PHYLNK:
PHY Linked Status bit
1
= Ethernet link has been established with a remote Ethernet partner
0
= No Ethernet link present
bit 7-0
PKTCNT<7:0>:
Receive Packet Count bits
Number of complete packets that are saved in the RX buffer and ready for software processing. Set the
PKTDEC (ECON1<8>) bit to decrement this field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com