Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC424J600 Datasheet(PDF) 67 Page - Microchip Technology

Part # ENC424J600
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 Datasheet(HTML) 67 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 63Page - Microchip Technology ENC424J600 Datasheet HTML 64Page - Microchip Technology ENC424J600 Datasheet HTML 65Page - Microchip Technology ENC424J600 Datasheet HTML 66Page - Microchip Technology ENC424J600 Datasheet HTML 67Page - Microchip Technology ENC424J600 Datasheet HTML 68Page - Microchip Technology ENC424J600 Datasheet HTML 69Page - Microchip Technology ENC424J600 Datasheet HTML 70Page - Microchip Technology ENC424J600 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 168 page
background image
 2010 Microchip Technology Inc.
DS39935C-page 65
ENC424J600/624J600
FIGURE 5-16:
DEVICE CONNECTIONS FOR PSP MODE 6
Host MCU
ENC424J600
CS(1)
R/W
100 k
EN
AD<14:9>(2)
AD<7:0>
INT/SPISEL
PMCSx
PMRD/PMWR
PMENB
PMA<14:9>
PMD<7:0>
INTx(3)
6
8
PSPCFG0
Note 1: Use of the CS strobe from the controller is optional. If not used, tie CS to VDD.
2: Connect these pins when direct addressing of the entire SRAM buffer is required. Tie to VDD when only indirect
addressing is desired.
3: Use of the external interrupt signal to the controller is optional.
Host MCU
ENC624J600
100 k
INT/SPISEL
INTx(3)
PSPCFG1
PSPCFG2
PSPCFG3
AL
PMALL
6
+3.3V
44-pin Devices:
64-pin Devices:
PMA8
AD8
AD<14:9>(2)
AD<7:0>
PMA<14:9>
PMD<7:0>
8
PMA8
AD8
+3.3V
CS(1)
R/W
EN
PMCSx
PMRD/PMWR
PMENB
AL
PMALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com