Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC424J600 Datasheet(PDF) 20 Page - Microchip Technology

Part # ENC424J600
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 Datasheet(HTML) 20 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 16Page - Microchip Technology ENC424J600 Datasheet HTML 17Page - Microchip Technology ENC424J600 Datasheet HTML 18Page - Microchip Technology ENC424J600 Datasheet HTML 19Page - Microchip Technology ENC424J600 Datasheet HTML 20Page - Microchip Technology ENC424J600 Datasheet HTML 21Page - Microchip Technology ENC424J600 Datasheet HTML 22Page - Microchip Technology ENC424J600 Datasheet HTML 23Page - Microchip Technology ENC424J600 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 168 page
background image
ENC424J600/624J600
DS39935C-page 18
 2010 Microchip Technology Inc.
3.1.2
PSP INTERFACE MAPS
When one of the parallel interfaces is selected, the
memory map is very different from the SPI map. There
are two different memory address spaces (Figure 3-2):
• the main memory area
• the PHY register area
As in the serial memory map, the main memory area is
a linear, byte-addressable space of 32 Kbytes, with the
SRAM buffer located in the first 24-Kbyte region. The
cryptographic data memory is also mapped to the same
location as in the serial memory map. The main differ-
ence is that the SFRs are now located to an area with a
higher address than the cryptographic data space. Addi-
tional memory areas above the SFRs are reserved for
their accompanying Bit Set and Bit Clear registers.
Except for the cryptographic data memory, all
addresses in the main memory area are directly
accessible using the PSP bus. As with the serial inter-
face, the cryptographic memory can only be accessed
through the DMA.
The difference between the 8-bit and 16-bit interfaces is
how the SRAM buffer is addressed by the external
address bus. In 16-bit data modes, the address bus
treats the buffer as a 16-byte wide, word-addressable
space, spanning 000h to 3FFFh. In 8-bit data modes, the
address bus treats the buffer as an 8-bit, byte-address-
able space, ranging from 0000h to 7FFFh. In either case,
the SFRs used as memory pointers still address the
buffer as a byte-wide, byte-addressable space.
The PHY SFR space is implemented in the same
manner as the SPI interface described above.
In both 8-bit and 16-bit PSP modes, full device func-
tionality can be realized without using the full width of
the address bus. This is because the SRAM buffer can
still be read and written to by using SFR pointers. In
practical terms, this can allow designers in space or pin
constrained applications to only connect a subset of the
A or AD address pins to the host microcontroller. For
example, in the 8-Bit Multiplexed PSP Modes 5 or 6,
tying pins, AD<14:9> to VDD, still allows direct address
access to all SFRs. This reduces the number of pins
required for connection to the host controller, including
the interface control pins to 12 or 13.
FIGURE 3-2:
ENC424J600/624J600 MEMORY MAPS FOR PSP INTERFACES(1)
0000h
2FFFh
SRAM Buffer
Unimplemented
Cryptographic Data
(DMA access only)
3F00h
Unimplemented
Special Function Registers (R/W)
3F4Fh
0000h
5FFFh
7800h(2)
7C4Fh(2)
PSP Address Bus (Word Address)
Pointers (Byte Address)
16-Bit, MIIM Access Only
00h
1Fh
PHY Register Area
MIREGADR
3F80h
SFR Bit Set Registers
3FBFh
3FC0h
SFR Bit Clear Registers
3FFFh
16-Bit, MIIM Access Only
00h
1Fh
PHY Register Area
MIREGADR
0000h
5FFFh
SRAM Buffer
Unimplemented
7800h(2)
7C4Fh(2)
Cryptographic Data
(DMA access only)
7E00h
Unimplemented
Special Function
Registers (R/W)
7E9Fh
PSP Address Bus and
All Pointers
7F00h
SFR Bit Set Registers
7F7Fh
7F80h
SFR Bit Clear Registers
7FFFh
Main Area
Main Area
8-Bit PSP
16-Bit PSP
Note 1:
Memory areas not shown to scale.
2:
Addresses in this range are accessible only through internal address pointers of the DMA module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com