Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC424J600 Datasheet(PDF) 48 Page - Microchip Technology

Part # ENC424J600
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 Datasheet(HTML) 48 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 44Page - Microchip Technology ENC424J600 Datasheet HTML 45Page - Microchip Technology ENC424J600 Datasheet HTML 46Page - Microchip Technology ENC424J600 Datasheet HTML 47Page - Microchip Technology ENC424J600 Datasheet HTML 48Page - Microchip Technology ENC424J600 Datasheet HTML 49Page - Microchip Technology ENC424J600 Datasheet HTML 50Page - Microchip Technology ENC424J600 Datasheet HTML 51Page - Microchip Technology ENC424J600 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 168 page
background image
ENC424J600/624J600
DS39935C-page 46
 2010 Microchip Technology Inc.
There are four banked SFR opcodes, summarized in
Table 4-4. Additional details for these opcodes are
provided below.
4.6.1.1
WCR
Opcode
The Write Control Register (WCR) opcode byte consists
of the prefix, ‘010’, concatenated with the 5-bit banked
SFR address of the first register to write to. For
example, if Bank 3 were currently selected and the host
microcontroller wanted to write to the ECON2L register
at banked address 0Eh, the 8-bit opcode would be
‘01001110’ or 4Eh.
Generally, WCR can be executed on most register
addresses, in any sequence and for any length. An
important exception is when WCR is used on any MAC
or MII register. These registers must be written as a
whole 16-bit register, low byte first (e.g., MACON1
must be written by first writing to MACON1L, then
MACON1H). Writing only to the upper byte of a MAC or
MII register results in a successful write to the upper
register, while the lower register is written with indeter-
minate data. If a WCR instruction is aborted by raising
CS while writing to the upper byte of a MAC or MII
register, neither upper nor lower byte will be updated.
4.6.1.2
RCR
Opcode
The Read Control Register (RCR) opcode byte consists
of the prefix, ‘000’, concatenated with the 5-bit banked
SFR address of the first register to read from. Using the
previous example, the 8-bit opcode to read ECON2L
would be ‘00001110’ or 0Eh.
Read operations can be performed against any register
address, in any sequence and for any length. However,
due to volatile register shadowing, it is recommended
that the ERXHEADH:ERXHEADL register pair be read
in sequence (low byte first) to obtain the correct value.
See Section 9.2 “Receiving Packets” for additional
information.
4.6.1.3
BFS
and BFC Opcodes
The Bit Field Set (BFS) and Bit Field Clear (BFC)
opcodes consist of the prefix, ‘100’ (for BFS) or ‘101’
(for BFC), concatenated with the 5-bit banked SFR
address of the first register to write to. In terms of timing
and automatic address increment, they behave almost
identically to the WCR opcode. However, instead of
absolute data to be written to a register, the host
microcontroller provides a bit mask showing which bits
of the target register need to be set or cleared.
For BFS, the ENCX24J600 performs a logical OR
operation with the supplied bit field causing ‘1’ bits in the
bit field to become set bits in the register; ‘0’ bits in the bit
field have no effect on the corresponding register bits. For
BFC
, the ENCX24J600 performs a logical AND with the
complement of the supplied mask. This causes ‘1’ bits in
the mask to become clear bits in the register; ‘0’ bits in the
mask do not affect the corresponding register bits.
The host controller must use bit field operations when
attempting to change bits in a volatile control or interrupt
flag register. Normally, changing such a bit might be
accomplished
by
the
application
as
a
“read-modify-write” operation: reading the control regis-
ter’s contents, modifying the register copy in memory on
the controller side and writing the modified register data
back to the ENCX24J600. In a dynamic environment,
however, one or more control bits may change state
between the read and write, resulting in an incorrect
device state after the write. As an example, assume that
the DMA module is in use (ECON1L<5> = 1) at the
same time that the application wants to transmit a packet
(i.e.,
setting
ECON1L<1>).
By
the
time
a
read-modify-write on ECON1L is complete, the DMA
operation
may
have
completed
and
cleared
ECON1L<5>. In this case, the write back erroneously
starts a new DMA operation.
Using BFS and BFC allows for bit level changes to one
or more control bits without the delay of a read and
write back. In the previous example, using BFS with a
bit mask of ‘00000010’ on ECON1L, sets ECON1L<1>
and starts a packet transmission without affecting the
status of ECON1L<5>.
TABLE 4-4:
N-BYTE BANKED SFR INSTRUCTIONS
Note:
Unlike the WCR opcode, BFS and BFC
cannot be used to modify MAC or MII
registers. Never use these opcodes on
MAC and MII registers.
Instruction
Mnemonic
Opcode
Argument
1st Byte
2nd Byte
3rd Byte
Nth Byte
Read Control Register(s)
RCR
000a aaaa
xxxx xxxx
XXXX XXXX
XXXX XXXX
Write Control Register(s)
WCR
010a aaaa
dddd dddd
DDDD DDDD
DDDD DDDD
Bit Field(s) Set
BFS
100a aaaa
dddd dddd
DDDD DDDD
DDDD DDDD
Bit Field(s) Clear
BFC
101a aaaa
dddd dddd
DDDD DDDD
DDDD DDDD
Legend: x/X = read data (LSB/MSB), d/D = write data (LSB/MSB), a = banked SFR address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com