Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC424J600 Datasheet(PDF) 12 Page - Microchip Technology

Part # ENC424J600
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 Datasheet(HTML) 12 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 8Page - Microchip Technology ENC424J600 Datasheet HTML 9Page - Microchip Technology ENC424J600 Datasheet HTML 10Page - Microchip Technology ENC424J600 Datasheet HTML 11Page - Microchip Technology ENC424J600 Datasheet HTML 12Page - Microchip Technology ENC424J600 Datasheet HTML 13Page - Microchip Technology ENC424J600 Datasheet HTML 14Page - Microchip Technology ENC424J600 Datasheet HTML 15Page - Microchip Technology ENC424J600 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 168 page
background image
ENC424J600/624J600
DS39935C-page 10
 2010 Microchip Technology Inc.
2.3
Voltage and Bias Pin
2.3.1
VDD AND VSS PINS
To reduce on-die noise levels and provide for the
high-current demands of Ethernet, there are many
power pins on ENC424J600/624J600 devices:
•VDD and VSS
•VDDOSC and VSSOSC
•VDDPLL and VSSPLL
•VDDRX and VSSRX
•VDDTX and VSSTX
Each VDD and VSS pin pair above should have a 0.1
F
ceramic bypass capacitor placed as close to the pins as
possible. For best EMI emission suppression, other
smaller capacitors, such as 0.001
F, should be placed
immediately across VDDTX/VSSTX and VDDPLL/VSSPLL.
All VDD power supply pins must be externally con-
nected to the same 3.3V ±10% power source. Similarly,
all VSS supply references must be externally connected
to the same ground node. If a ground connection
appears on two pins (e.g., VSSTX), connect both pins;
do not allow either to float. In addition, it is
recommended that the exposed bottom metal pad on
the 44-pin QFN package be tied to VSS.
Placing ferrite beads or inductors between any two of
the supply pins (e.g., between VDDOSC and VDDRX) is
not recommended. However, it is acceptable to isolate
all of the VDD supplies from the main circuit power sup-
ply through a single ferrite bead or inductor, if desired
for supply noise suppression reasons. Such isolation is
generally not necessary.
2.3.2
VCAP PIN
Most of the device’s digital logic operates at a nominal
1.8V. This voltage is supplied by an on-chip voltage
regulator, which generates the digital supply voltage
from the VDD rail. The only external component
required is an external filter capacitor, connected from
the VCAP pin to ground, as shown in Figure 2-3. A value
of at least 10
F is recommended.
The capacitor must also have a relatively low Equiva-
lent Series Resistance (ESR). It is recommended that
a low-ESR capacitor (ceramic, tantalum or similar)
should be used and high-ESR capacitors (such as
aluminum electrolytic) should be avoided.
The internal regulator is not designed to drive external
loads; therefore, do not attach other circuitry to VCAP.
FIGURE 2-3:
VCAP CONNECTIONS
2.3.3
RBIAS PIN
The internal analog circuitry in the PHY module
requires that an external 12.4 kΩ, 1% resistor be
attached from RBIAS to ground, as shown in
Figure 2-4. The resistor influences the TPOUT+/-
signal amplitude. The RBIAS resistor should be placed
as close as possible to the chip with no immediately
adjacent signal traces in order to prevent noise
capacitively coupling into the pin and affecting the
transmit behavior. It is recommended that the resistor
be a surface mount type.
FIGURE 2-4:
RBIAS RESISTOR
VDD
VCAP
VSS
ENCX24J600
10
F
3.3V
0.1
F
Regulator
+3.3V
I/O, PHY
+1.8V
Core, RAM,
MAC
RBIAS
ENCX24J600
12.4
k1%
PHY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com