Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC424J600 Datasheet(PDF) 17 Page - Microchip Technology

Part # ENC424J600
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 Datasheet(HTML) 17 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 13Page - Microchip Technology ENC424J600 Datasheet HTML 14Page - Microchip Technology ENC424J600 Datasheet HTML 15Page - Microchip Technology ENC424J600 Datasheet HTML 16Page - Microchip Technology ENC424J600 Datasheet HTML 17Page - Microchip Technology ENC424J600 Datasheet HTML 18Page - Microchip Technology ENC424J600 Datasheet HTML 19Page - Microchip Technology ENC424J600 Datasheet HTML 20Page - Microchip Technology ENC424J600 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 168 page
background image
 2010 Microchip Technology Inc.
DS39935C-page 15
ENC424J600/624J600
2.7.3
CS/CS PIN
The chip select functions for the serial and parallel
interfaces are shared on one common pin, CS/CS. This
pin is equipped with both internal weak pull-up and
weak pull-down resistors. If the SPI interface is
selected (CS), the pull-up resistor is automatically
enabled and the pull-down resistor is disabled. If the
PSP interface is chosen (CS), the pull-down resistor is
automatically enabled and the pull-up resistor is
disabled. This allows the CS/CS pin to stay in the
unselected state when not being driven, avoiding the
need for an external board level resistor on this pin.
When enabled by using SPI mode, the internal weak
pull-up only pulls the CS/CS pin up to approximately
VDD-1.1V or around 2.2V at typical conditions without
any loading; it does not pull all the way to VDD. When
using the PSP interface, the pull-down will be enabled,
which is capable of pulling all the way to VSS when
unloaded.
2.8
Digital I/O Levels
All digital output pins on ENC424J600/624J600
devices contain CMOS output drivers that are capable
of sinking and sourcing up to 18 mA continuously. All
digital inputs and I/O pins operating as inputs are 5V
tolerant. These features generally mean that the
ENCX24J600 can connect directly to the host
microcontroller without the need of any glue logic.
However, some consideration may be necessary when
interfacing with 5V systems.
Since the digital outputs drive only up to the VDD
voltage (3.3V nominally), the voltage may not be high
enough to ensure a logical high is detected by 5V
systems which have high input thresholds. In such
cases, unidirectional level translation from the 3.3V
ENCX24J600 up to the 5V host microcontroller may be
needed.
When using the SPI interface, an economical 74HCT08
(quad AND gate), 74ACT125 (quad 3-state buffer) or
other 5V CMOS chip with TTL level input buffers may
be used to provide the necessary level shifting. The
use of 3-state buffers permits easy integration into
systems which share the SPI bus with other devices.
However, users must make certain that the propaga-
tion delay of the level translator does not reduce the
maximum SPI frequency below desired levels.
Figure 2-10 and Figure 2-11 show two example
translation schemes.
When using the PSP interface, eight, or all sixteen of
the ADx pins, may need level translation when perform-
ing read operations on the ENCX24J600. The 8-bit
74ACT245 or 16-bit 74ACT16245 bus transceiver, or
similar devices, may be useful in these situations.
FIGURE 2-10:
LEVEL SHIFTING ON THE
SPI INTERFACE USING
AND GATES
FIGURE 2-11:
LEVEL SHIFTING ON THE
SPI INTERFACE USING
3-STATE BUFFERS
I/O
SCK
SDO
SDI
INTx
MCU
CS
SCK
SI
SO
INT/SPISEL
ENCX24J600
CLKOUT
OSC1
3.3V
100
k
I/O
SCK
SDO
SDI
INTx
MCU
CS
SCK
SI
SO
INT/SPISEL
ENCX24J600
CLKOUT
OSC1
3.3V
100
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com