Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENC424J600 Datasheet(PDF) 98 Page - Microchip Technology

Part # ENC424J600
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 Datasheet(HTML) 98 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 94Page - Microchip Technology ENC424J600 Datasheet HTML 95Page - Microchip Technology ENC424J600 Datasheet HTML 96Page - Microchip Technology ENC424J600 Datasheet HTML 97Page - Microchip Technology ENC424J600 Datasheet HTML 98Page - Microchip Technology ENC424J600 Datasheet HTML 99Page - Microchip Technology ENC424J600 Datasheet HTML 100Page - Microchip Technology ENC424J600 Datasheet HTML 101Page - Microchip Technology ENC424J600 Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 168 page
background image
ENC424J600/624J600
DS39935C-page 96
 2010 Microchip Technology Inc.
REGISTER 10-1:
ERXFCON: ETHERNET RX FILTER CONTROL REGISTER
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
HTEN
MPEN
—
NOTPM
PMEN3
PMEN2
PMEN1
PMEN0
bit 15
bit 8
R/W-0
R/W-1
R/W-0
R/W-1
R/W-1
R/W-0
R/W-0
R/W-1
CRCEEN
CRCEN
RUNTEEN
RUNTEN
UCEN
NOTMEEN
MCEN
BCEN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
HTEN:
Hash Table Collection Filter Enable bit
1
= Accept packets having a hashed destination address that points to a set bit in the Hash Table(1)
0
= Filter is disabled
bit 14
MPEN:
Magic Packet™ Collection Filter Enable bit
1
= Accept packets containing a Magic Packet pattern for the local MAC address(1)
0
= Filter is disabled
bit 13
Unimplemented:
Read as ‘0’
bit 12
NOTPM:
Pattern Match Inversion Control bit
1
= Pattern Match checksum mismatch required for a successful Pattern Match
0
= Pattern Match checksum match required for a successful Pattern Match
bit 11-8
PMEN<3:0>:
Pattern Match Collection Filter Enable bits
When NOTPM = 0:
A packet is accepted by the filter if the pattern checksum matches AND the selected mode’s condition is
true.
When NOTPM = 1:
A packet is accepted by the filter if pattern checksum does not match AND the selected mode’s condition
is true.
1111
....
= Reserved
1010
1001
= Magic Packet for local Unicast address(1)
1000
= Hashed packet destination points to a bit in the Hash Table registers that is set(1)
0111
= Packet destination is not the Broadcast address(1)
0110
= Packet destination is the Broadcast address(1)
0101
= Packet destination is not a Multicast address(1)
0100
= Packet destination is a Multicast address(1)
0011
= Packet destination is not the local Unicast address(1)
0010
= Packet destination is the local Unicast address(1)
0001
= Accept all packets with a checksum match defined by NOTPM(1)
0000
= Filter is disabled
bit 7
CRCEEN:
CRC Error Collection Filter Enable bit
1
= Packets with an invalid CRC will be accepted, regardless of all other filter settings
0
= Filter is disabled
Note 1:
This filtering decision can be overridden by the CRC Error Rejection filter and Runt Error Rejection filter
decisions, if enabled, by CRCEN or RUNTEN.
2:
This filtering decision can be overridden by the CRC Error Collection filter and Runt Error Collection filter
decisions, if enabled, by CRCEEN or RUNTEEN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com