Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 106 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 106 Page - Intel Corporation

Back Button 6402 Datasheet HTML 102Page - Intel Corporation 6402 Datasheet HTML 103Page - Intel Corporation 6402 Datasheet HTML 104Page - Intel Corporation 6402 Datasheet HTML 105Page - Intel Corporation 6402 Datasheet HTML 106Page - Intel Corporation 6402 Datasheet HTML 107Page - Intel Corporation 6402 Datasheet HTML 108Page - Intel Corporation 6402 Datasheet HTML 109Page - Intel Corporation 6402 Datasheet HTML 110Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 250 page
background image
Transparent Mode
106
Intel® 6400/6402 Advanced Memory Buffer Datasheet
10.2.4
Error Reporting
By default the status pins will be the xor of actual data from the DRAM and expected
data from the tester. The AMB also stores 144 bits of DQ data. If the LGFBITS control
bit is cleared the 144 bits of data will be actual data read from the DRAM. Otherwise
the result of the data compare is stored. In either case the tester must still provide
expected data for the AMB to properly set the status pins.
Normally the test will stop when an error occurs. It is the responsibility of the tester or
test program to track errors, read error registers and stop or continue as appropriate.
This may require multiple iterations of the same test to execute, collect data and re-
start the test.
10.2.4.1
Multiple Failures
There are some implications if multiple failures occur in the same DRAM burst. Three
control register bits determine how these failures should be captured. If the log first fail
(lgffail) bit is zero (default) the AMB will record only the last failure in a burst. When
the bit is set the AMB will record the first failure at the burst position matching the
burst position (bstpos) setting. If the bit is set and an error is logged, no further
logging will occur until the bit is cleared.
a) If a failure is detected only in one half of the burst (first and second or third and
fourth data words), the error pins will indicate which DRAM or DRAMs failed. The error
register will indicate which data lines failed and in which data words.
b) If a failure is detected in both halves of the burst (data word 1 or 2 and words 3 or
4), data from the second failure would overwrite data from the first failure. By default
this is prevented by the log fail bit. The error pins will continue to operate correctly. If it
is desired to collect data from a specific portion of the burst the burst position bits can
be used to select an appropriate burst position to record. For a 4 bit burst it is possible
to select data from the first or second half of the burst. For an 8 bit burst there are four
positions to choose from. These mappings are illustrated in the following figure.
* The last failure will be saved in whatever burst position it occurs.
Table 10-3. Mapping of Burst Position Bits to Error Capture
Log First Fail
Burst Position
BL=4
Bit0
Bit1
Bit0
1234
0
x
x
144 bits*
or 144 bits*
1
0
0
144 bits
1
0
1
144 bits
Log First Fail
Burst Position
BL=8
Bit0
Bit1
Bit0
12345
6
7
8
0
x
x
144 bits*
or 144 bits*
or 144 bits*
or 144 bits*
1
0
0
144 bits
1
0
1
144 bits
1
1
0
144 bits
1
1
1
144 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com