Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 107 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 107 Page - Intel Corporation

Back Button 6402 Datasheet HTML 103Page - Intel Corporation 6402 Datasheet HTML 104Page - Intel Corporation 6402 Datasheet HTML 105Page - Intel Corporation 6402 Datasheet HTML 106Page - Intel Corporation 6402 Datasheet HTML 107Page - Intel Corporation 6402 Datasheet HTML 108Page - Intel Corporation 6402 Datasheet HTML 109Page - Intel Corporation 6402 Datasheet HTML 110Page - Intel Corporation 6402 Datasheet HTML 111Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
107
Transparent Mode
10.2.4.2
Direct Access - Testing of Individual DRAMs
In certain cases it is desirable to test one or two DRAMs. Transparent mode allows
direct access to a single x8 or two x4 DRAMs. In this mode 8 DDR DQ pins are
demultiplexed onto 16 SDR status pins, providing16 bit input data path (on TDQ) and a
16 bit output data path on the status pins.
The transparent mode configuration register has one bit (ENDOUT) to enable this
mode. On reads, the DRAMRD bits will select the bytes of DRAM data to be presented
on the status pins. On writes the DRAMWR bits select a DRAM to receive data from the
TDQ bus. A separate register holds 8 bits of default data to be applied to non-selected
DRAMs in the early/even cycles and another 8 bits for late/odd cycles. The mapping of
these bits to DQ selection is illustrated in the following table.
DRAMWR is the byte of data bus selected to receive transparent write data, and byte of
data bus to be compared against transparent read data. DRAMWR allows a setting of
0xF (all ones) which sends the TDQ input data to all DQ bytes. DRAMRD is the byte of
data bus selected to be output on transparent data/status pins when ENDOUT bit is set.
10.2.5
Transparent Mode IO Specifications
Listed below are the specifcations for transparent mode input and output pins.
Table 10-4. Selection of 8 bit Data Paths When ENDOUT is Set
Early Data
DQ Byte
Late Data
DQ Byte
DRAM RD/WR
DQ
0xF (DRAM WR only)
All Bytes
8
71:64
8
17
7
63:56
7
16
6
55:48
6
15
5
47:40
5
14
4
39:32
4
13
3
31:24
3
12
2
23:16
2
11
1
15:8
1
10
07:0
0
9
Table 10-5. Transparent Mode FB-DIMM Interface Signaling Specifications (Sheet 1 of 2)
Minimum
Maximum
Units
I/O voltage swing
0
500
mV
Input slew rate
2
V/ns
Input to refclk (rising or falling edges) setup time
3000
ps
Input to refclk (rising or falling edges) hold time
1000
ps
Status output valid to refclk time
-1000
+1000
ps
Vref
200
300
mV
Vil (DC)
-300
200
mV
Vil (AC)
-300
150
mV
Vih (DC)
300
900
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com