Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 108 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 108 Page - Intel Corporation

Back Button 6402 Datasheet HTML 104Page - Intel Corporation 6402 Datasheet HTML 105Page - Intel Corporation 6402 Datasheet HTML 106Page - Intel Corporation 6402 Datasheet HTML 107Page - Intel Corporation 6402 Datasheet HTML 108Page - Intel Corporation 6402 Datasheet HTML 109Page - Intel Corporation 6402 Datasheet HTML 110Page - Intel Corporation 6402 Datasheet HTML 111Page - Intel Corporation 6402 Datasheet HTML 112Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 250 page
background image
Transparent Mode
108
Intel® 6400/6402 Advanced Memory Buffer Datasheet
Note:
1. Ioh: current into a 50-ohm external load to ground, with on-die transmitter
termination enabled
2. Iol: current into a 50-ohm external load to 1.5 V supply rail, with on-die
transmitter termination enabled
10.2.6
IO Implementation Guidelines
10.2.6.1
Dedicated Receivers
Simple one-stage receivers for the transparent mode have been added in parallel to the
existing high-speed sampling receivers. The latter can be turned off during transparent
mode, as well as the DRC and the phase interpolator, to save power and avoid noise.
An internal VREF set to 0.25 V will be used, so the tester signals should oscillate
between 0 and 0.5 V. The transparent mode RX should be turned off during normal
mode, so as to save power/avoid noise.
10.2.6.2
Common Clock Scheme
To avoid costly implementations using strobes and FIFOs, a common clock scheme is
followed, implemented in the core, where the data capture flops reside. Since
transparent mode data signals from the tester are all in phase with the 100 MHz
system clock, the clock used for the capture flops has to be aligned with the external
system clock (or slightly delayed, to account for the propagation delay difference
between data receivers and clock receiver).
Aligning core clock and external clock can be done using the HVM mode circuitry
included in the PLL. The HVM clock tree will have to feed the capture flops, and one of
its leaves has to be fed back to the PLL, in order to achieve adequate synchronization.
10.2.6.3
Tester Interface Clock and Data Routing
The following uncertainties have to be factored in:
• Tester board (TIU) trace mismatches
• Package trace mismatches
• FBD low speed RX propagation delay variations due to PVT
• Set up and hold of capture flops (typically <350 ps depending on process, voltage
and temperature)
• Clock synchronization mismatch, core clock PLL and tree jitter (approximately
±200 pS)
At 200 MHz, there is a 5 ns data window. The potential FBD low speed receiver
variation is approximately 300 ps propagation variation over process, voltage and
temperature. Package and tester interface mismatches are not expected to exceed
Vih (AC)
350
900
mV
Voh
400
mV
Vol
100
mV
Ioh
8
mA
Iol
12
mA
Table 10-5. Transparent Mode FB-DIMM Interface Signaling Specifications (Sheet 2 of 2)
Minimum
Maximum
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com