Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 112 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 112 Page - Intel Corporation

Back Button 6402 Datasheet HTML 108Page - Intel Corporation 6402 Datasheet HTML 109Page - Intel Corporation 6402 Datasheet HTML 110Page - Intel Corporation 6402 Datasheet HTML 111Page - Intel Corporation 6402 Datasheet HTML 112Page - Intel Corporation 6402 Datasheet HTML 113Page - Intel Corporation 6402 Datasheet HTML 114Page - Intel Corporation 6402 Datasheet HTML 115Page - Intel Corporation 6402 Datasheet HTML 116Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 250 page
background image
DDR MemBIST
112
Intel® 6400/6402 Advanced Memory Buffer Datasheet
provides two 72 bit words, or 144 bits of test data for each DRAM clock cycle. The data
is supplied to the DRAMs on “early” and “late” phases of the DDR clock cycle. Early data
is provided on the rising edge of CK. Late data is provided one half cycle later on the
falling edge of CK. DRAM compare data is treated in a similar manner with appropriate
clock alignment.
11.2
MemBIST Feature Summary
Table 11-1 lists the features of MemBIST in summary form. Each feature is explained
in subsequent sections. The registers used to control these features are detailed in the
MemBIST register section.
Table 11-1. MemBIST Feature Summary (Sheet 1 of 2)
Feature
Feature Description
Memory Address Control
Address pattern in tests
User defined start and end physical address
Fast X, Fast Y, Fast XY, XZY address modes
Choice of incrementing or decrementing addresses
Dynamic address inversion (DAI) inverts alternate addresses
X (row) address bits
Up to 16
Y (column) address bits
Up to 13 (limited by MTR:numcol to A[13:11,9:0])
Z (bank) address bits
Up to 3
Data Patterns
Static data patterns
fixed nibble data patterns (0, 3, 5, 6, 9, A, C, F)
144-bit user-defined data pattern
288-bit user-defined data pattern
Dynamic data patterns
32-bit user-defined circular shifted data pattern
Random data pattern derived from user-specified 32-bit seed using
an LFSR (CRC32)
Data pattern inversion
Any data pattern can be inverted before being applied
Programmable DRAM Timing Control
DDR2 DRAM timing
Set in AMB registers
Burst Length
4 or 8
Refresh control
DDR2 refresh intervals programmable in AMB registers
BIST Engine Control
Fundamental commands
Write, read, read with data compare, write + read with data compare
Access method
all registers and settings accessible using FBD, JTAG, or SMBus
DRAM data width
x4 or x8
DRAM initialization and mode settings
Set by AMB registers
Execution speed
A programmable number of deselect commands may be inserted
after DRAM accesses to slow down the speed of execution
Execution control
Halt on error or run to completion of test
Test abort during the test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com