Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 114 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 114 Page - Intel Corporation

Back Button 6402 Datasheet HTML 110Page - Intel Corporation 6402 Datasheet HTML 111Page - Intel Corporation 6402 Datasheet HTML 112Page - Intel Corporation 6402 Datasheet HTML 113Page - Intel Corporation 6402 Datasheet HTML 114Page - Intel Corporation 6402 Datasheet HTML 115Page - Intel Corporation 6402 Datasheet HTML 116Page - Intel Corporation 6402 Datasheet HTML 117Page - Intel Corporation 6402 Datasheet HTML 118Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 250 page
background image
DDR MemBIST
114
Intel® 6400/6402 Advanced Memory Buffer Datasheet
In addition, MemBIST has 4 fundamental commands which can be utilized directly by
the user. They are write, read, read with data compare, and write followed by read
with data compare. They are also used by the MemBIST built-in algorithms. Some
MemBIST algorithms also utilize additional fundamental commands that are not
available to users. As a result, users cannot duplicate all algorithm functionality by
sequentially running individual MemBIST commands.
11.3.2
Memory Addressing
A memory test is characterized by a starting address, an ending address and a
direction. The address generation logic has counters for row, column and bank
addresses. MemBIST does not change the rank bit during execution. Each rank on a
DIMM must be tested by a separate execution of MemBIST.
Addresses in MemBIST are logical addresses, meaning they follow the order of the
DRAM external address pins. The actual arrangement of bits in the array (the physical
address) will differ from the logical address. Therefore, an addressing scheme or data
pattern may not be applied to the array exactly as one might think. For example,
accesses to logically adjacent cells will not necessarily access physically adjacent cells.
For general purpose testing such as that intended for MemBIST this is not an issue. In-
depth array testing is best done on a portion of the array where the logical to physical
mapping is known, or in transparent mode where one has full control of address and
data sequencing.
11.3.2.1
Address Definition
All addresses in MemBIST have three components: a row address, a column address
and a bank address. The user communicates these values to MemBIST through 32-bit
registers. Column address 0 is not stored since the DRAMs are 72 bits wide and the
MemBIST engine has an internal 144 bit architecture. Column address 10 is used for
auto-precharge (always low in MemBIST) so it is also not specified in the address
registers.
User-defined start and end addresses are constrained to contain a column address
modulo the burst length. For instance, at BL=4, assume a memory access starts at
column 0. The next access would start at column 4, the next at column 8 and so on
(assuming Fast Y address sequencing). The address register bits reflect these
constraints. BL=4 allows specification of column bits 14..2, while BL=8 allows
specification of column bits 15..3.
Note:
Address register bit 15 “R” = Reserved for future use
Table 11-2. Memory Address Definition, BL=4
Address register bit
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9876543210
15 14 13 12 11 10 9876543210
R 14 13 12 11 98765432210
Row
Column
Bank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com