Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 116 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 116 Page - Intel Corporation

Back Button 6402 Datasheet HTML 112Page - Intel Corporation 6402 Datasheet HTML 113Page - Intel Corporation 6402 Datasheet HTML 114Page - Intel Corporation 6402 Datasheet HTML 115Page - Intel Corporation 6402 Datasheet HTML 116Page - Intel Corporation 6402 Datasheet HTML 117Page - Intel Corporation 6402 Datasheet HTML 118Page - Intel Corporation 6402 Datasheet HTML 119Page - Intel Corporation 6402 Datasheet HTML 120Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 250 page
background image
DDR MemBIST
116
Intel® 6400/6402 Advanced Memory Buffer Datasheet
11.3.2.3
Address Space
The address space for MemBIST is selected using the MBCSR:atype field. The choices
include a single physical address specified in the MBADDR register, a range of
addresses as specified using the MB_START_ADDR and MB_END_ADDR registers, and
the full address space of the DRAMs as specified in the MTR register. The range and full
address spaces are depicted in the next figure, Figure 11-1.
Table 11-4. MemBIST Addressing Behavior
Address Type (MBSCR:atype)
Address
Sequencing
(MBCSR:fast)
Range (specified in
MB_START_ADDR
and MB_END_ADDRa)
Notes:
a.
It is required that Xs < Xe, Ys < Ye and Zs < Ze. Xs, Zs, Ys and Xe, Ze, Ye are the values in MB_START_ADDR and
MB_END_ADDR respectively
Full (uses range of 0 to MTR
limit)
Single (specified in MBADDR)
XZY
Counter orderb XZY
X, Y increment3 start to end
X, Y decrement3 end to start
Z increments Zs to Ze if Zs < Ze
Z decrements Ze to Zs if Zs < Ze
Following is for Intel 6400/6402
Advanced Memory Buffer only
and not required by the FBD
DFx Spec
Z fixed at Zs if Zs = Ze
Z increments Zs to MTR limit,
wraps to 0, then to Ze if Zs >
Ze. Ze to Zs is skipped.
• Z decrements Ze to 0,
wraps to MTR limit, then to
Zs if Zs > Ze. Ze to Zs is
skipped.
b.
Counter order is counter MSB to LSB in the order given.
Counter order XZY
X, Y, Z incrementc 0 to MTR limitd
X, Y, Z decrement MTR limit to 0
c.
Increment or decrement is selected using MBCSR:adir
d.
MTR limit is the value shown in MTR for this address and refers to the top of this address range.
Single burst to address specified
in MBADDR
MBCSR:fast ignored
Fast Y
Counter order XY
X, Y increment start to end
X, Y decrement end to start
Z fixed at Zs. Ze is ignored.
Counter order XY
X, Y increment 0 to MTR limit
X, Y decrement MTR limit to 0
Z fixed at 0
Fast X
Counter order YX
X, Y increment start to end
X, Y decrement end to start
Z fixed at Zs. Ze is ignored
Counter order YX
X, Y increment 0 to MTR limit
X, Y decrement MTR limit to 0
Z fixed at 0
Fast XY
X and Y count simultaneously
X, Y increment start to end
X, Y decrement end to start
Z fixed at Zs. Ze is ignored
X and Y count simultaneously
X, Y increment 0 to MTR limit
X, Y decrement MTR limit to 0
Z fixed at 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com