Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 119 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 119 Page - Intel Corporation

Back Button 6402 Datasheet HTML 115Page - Intel Corporation 6402 Datasheet HTML 116Page - Intel Corporation 6402 Datasheet HTML 117Page - Intel Corporation 6402 Datasheet HTML 118Page - Intel Corporation 6402 Datasheet HTML 119Page - Intel Corporation 6402 Datasheet HTML 120Page - Intel Corporation 6402 Datasheet HTML 121Page - Intel Corporation 6402 Datasheet HTML 122Page - Intel Corporation 6402 Datasheet HTML 123Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
119
DDR MemBIST
11.3.2.4.2
Fast X
Figure 11-3 below depicts how Fast X with decrementing addresses cycles through a
range of addresses specified by MB_START_ADDR and MB_END_ADDR. In this
execution mode, Z, or bank address, is held constant (except in the case of dynamic
address inversion mode, DAI, mentioned later). Note that the X address counter
counts down from Xe to Xs before decrementing the Y address counter and beginning
again at Xe. This process continues until both the X and Y address counters reach their
end Xs and Ys values simultaneously. This ending condition results in the address range
being covered once. The name “Fast X” is descriptive of this testing order in which the
X address range changes faster than the Y address range.
Figure 11-2. Fast Y Address Sequencing
S
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
E
18
One Bank
0 Increasing Y
Increasing X
0
Address space as set by values in MTR register
Address space as set by start and end values in
MB_START_ADDR and MB_END_ADDR registers
0001
Fast Y address sequencing, increasing
address, specified address range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com