Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 117 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 117 Page - Intel Corporation

Back Button 6402 Datasheet HTML 113Page - Intel Corporation 6402 Datasheet HTML 114Page - Intel Corporation 6402 Datasheet HTML 115Page - Intel Corporation 6402 Datasheet HTML 116Page - Intel Corporation 6402 Datasheet HTML 117Page - Intel Corporation 6402 Datasheet HTML 118Page - Intel Corporation 6402 Datasheet HTML 119Page - Intel Corporation 6402 Datasheet HTML 120Page - Intel Corporation 6402 Datasheet HTML 121Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
117
DDR MemBIST
As the figure above illustrates, when the values of the MB_START_ADDR (marked S)
and MB_END_ADDR (marked E) registers are used to set the address space for a
MemBIST operation, the values in these registers must bear the correct relationship to
each other. The start address sets the lower bound for the test address space in both
the X and Y directions, and the end address sets the upper bound in both the X and Y
directions. For a start and end address to define a usable address space, it is required
that Xs < Xe, and Ys < Ye. In addition, when an address sequencing mode is chosen in
which the bank field in MB_END_ADDR is significant, it is also required that Zs < Ze. (If
a single physical address is to be tested, MBADDR, not MB_START_ADDR and
MB_END_ADDR, is used.)
In every case in which an address endpoint is specified using a register value,
MemBIST includes the address endpoint in the operation. For example, if an address
range is specified using the MB_START_ADDR and MB_END_ADDR registers, the
locations specified in these registers are included as part of the address range. The
MemBIST operation will be performed on both of the locations specified in these
registers.
11.3.2.3.1
Order and Direction of Address Sequencing
The order of sequencing through the test address space is chosen using the
MBCSR:fast field. The options are Fast Y (with fixed bank), Fast X (with fixed bank),
Fast XY (with fixed bank) and XZY. The terms Fast X, Fast Y, Fast XY and XZY refer to
the order in which addresses are incremented or decremented during MemBIST
execution. This order is given in Table 11-4 above as “counter order.” Counter order of
XZY, for example, indicates that the Y counter is counted most rapidly. When counter Y
over or underflows due to reaching the programmed limit of its count, the overflow or
Figure 11-1. Range and Full Address Spaces
S
E
One Bank
0 Increasing Y
Increasing X
0
Limit of address space as set by number of X and Y address lines
Address space as set by values in MTR register
Address space as set by start and end values in
MB_START_ADDR and MB_END_ADDR registers
0001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com