Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 113 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 113 Page - Intel Corporation

Back Button 6402 Datasheet HTML 109Page - Intel Corporation 6402 Datasheet HTML 110Page - Intel Corporation 6402 Datasheet HTML 111Page - Intel Corporation 6402 Datasheet HTML 112Page - Intel Corporation 6402 Datasheet HTML 113Page - Intel Corporation 6402 Datasheet HTML 114Page - Intel Corporation 6402 Datasheet HTML 115Page - Intel Corporation 6402 Datasheet HTML 116Page - Intel Corporation 6402 Datasheet HTML 117Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
113
DDR MemBIST
11.3
MemBIST Operation
11.3.1
Fundamental Operations
The MemBIST logic provides a number of operational modes which can be combined in
various ways to provide a large number of useful combinations. For example, there is a
mode in which it is possible to select address incrementing first by column and then by
row, or the opposite of this. There is also a mode to dynamically invert every other
address, which toggles all address lines to opposite states. These two independent
modes can be combined to test a bank by toggling row address lines to opposite states
or by toggling column address lines to opposite states. Limits on combinations are
mentioned where they exist.
MemBIST also provides a number of complete operations which it can perform.
MemBIST operations can be characterized as a task which MemBIST carries out
automatically after being programmed for the task. The operation begins when
MBCSR:start is set by the user and ends when MemBIST clears this same bit.
MemBIST operations include built-in algorithms and fundamental commands.
MemBIST built-in algorithms consist of complete testing schemes which are
implemented in MemBIST and which carry out complete tests for meeting specific
testing objectives. They accomplish their testing completely under automatic control
once the operation is started.
Failure data access
Failure data logged and accessible using FBD, JTAG or SMBus
Logging may be delayed to capture later failures
Algorithms Provided
Algorithms operate over a specified address range with a fixed data pattern of 0xA only
Notation for algorithm definitions:
^ = increasing address from start to end
v = decreasing address from end to start
W / R = Write / Read and check
D / I = Data / Inverted Data
number = sequence of events
(x, y) = for each address, first x is applied, then y, before continuing to next address
Scan
^ (WD1); ^(RD2); ^ (WI3); ^ (RI4)
Init
^ (WD1)
Mats+
^(WD1); ^(RD2, WI3); v(RI4, WD5);
MarchC–
^(WD1); ^(RD2, WI3); ^(RI4, WD5);
v(RD6, WI7); v(RI8, WD9); v(RD10);
Read and check
^(RD1);
Error Logging
Error logging
Pass / fail indicator
Log up to 5 failing addresses
Record up to 4 sets of 144-bit failure data
144-bit failure data bit location accumulator marking bit failures
through entire test
Table 11-1. MemBIST Feature Summary (Sheet 2 of 2)
Feature
Feature Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com