Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 115 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 115 Page - Intel Corporation

Back Button 6402 Datasheet HTML 111Page - Intel Corporation 6402 Datasheet HTML 112Page - Intel Corporation 6402 Datasheet HTML 113Page - Intel Corporation 6402 Datasheet HTML 114Page - Intel Corporation 6402 Datasheet HTML 115Page - Intel Corporation 6402 Datasheet HTML 116Page - Intel Corporation 6402 Datasheet HTML 117Page - Intel Corporation 6402 Datasheet HTML 118Page - Intel Corporation 6402 Datasheet HTML 119Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
115
DDR MemBIST
Note:
Address register bit 15 “R” = Reserved for future use
11.3.2.2
Address Generation
The address generation logic and controlling register bits allow a variety of methods to
traverse the address space of the DRAM. These are described in the next sections.
In these explanations, the symbol X refers to the row address. Row address lines are
also called word lines. The symbol Y refers to the column address. Column address
lines are also called bit lines. The symbol Z refers to the bank address. The MemBIST
start address consists of a triple of row, bank, and column address (Xstart, Zstart, Ystart)
or (Xs, Zs, Ys) for brevity. Likewise, the end address consists of the triple (Xend, Zend,
Yend) or (Xe, Ze, Ye). The row, bank or column symbols may also be used individually to
refer to a value without being included in the address triple to which it belongs.
11.3.2.2.1
Address Sequencing Options
MemBIST provides several options to select the address space for MemBIST operation
and for sequencing through the address space chosen. Table 11-4 below shows how the
MemBIST addresses are generated based on various parameters that affect address
generation. Detailed explanations of the entries are found in later sections.
Table 11-3. Memory Address Definition, BL=8
Address register bit
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
15 14 13 12 11 10 98
765
432
10
R 15 14 13 12 11 9
876
543
210
Row
Column
Bank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com