Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 109 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 109 Page - Intel Corporation

Back Button 6402 Datasheet HTML 105Page - Intel Corporation 6402 Datasheet HTML 106Page - Intel Corporation 6402 Datasheet HTML 107Page - Intel Corporation 6402 Datasheet HTML 108Page - Intel Corporation 6402 Datasheet HTML 109Page - Intel Corporation 6402 Datasheet HTML 110Page - Intel Corporation 6402 Datasheet HTML 111Page - Intel Corporation 6402 Datasheet HTML 112Page - Intel Corporation 6402 Datasheet HTML 113Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
109
Transparent Mode
200 ps. Flop setup variation should also be less than 200 pS. After removing 400 ps for
clock uncertainties leaves 3.9 ns margin. While this is plenty of margin, some amount
of trace matching should be done on the tester interface to minimize skew.
10.2.6.4
Outgoing Control Signals
Only the TX+ pin should connect to the tester. The data on TX- can be discarded (it will
toggle at the same rate as TX+).
Terminating TX+ on the tester should be a given, as every tester offers this capability.
Terminating TX- could be done on the tester, by having a TIU (tester board) with a
route and a tester connection allocated for it. It may be cheaper to just have a 50 ohm
resistor tied to ground on the TIU itself, from the TX- pins.
To avoid the crossing clock domains from core clock to FBD fast clocks, the transparent
mode data flows directly through the Analog Front-end Unit of the TX.
10.2.6.5
Usage Models
10.2.6.5.1
Host Side Usage
TX: The transmitters are set the same as in normal operation (bias on, enable
termination, and so forth.).
RX: RX+ and RX- signals will be independent. Incoming data will free-flow through the
I/O (no flops). The routing distance from transparent_rxout pins should be the same
for all capture flops. All these flops should be clocked by the dedicated HVM clock.
10.2.6.5.2
Tester Side Usage
The tester interface should have trace-matched data signals, to avoid skews > 1 ns.
The tester should have 50 ohm terminations to ground for all TX pins in use (on-tester
termination can be used where applicable). The tester should enable 50 ohm
terminations to ground for all the signals sent to RX pins. This will guarantee
reasonable signal integrity.
10.3
Transparent Mode Control and Status Registers
In transparent mode, CSRs will be accessed and programmed through SMBus. See
Section 14.3.5, ‚ “Hardware Configuration Registers,” for register descriptions.
§



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com