Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 227 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 227 Page - Intel Corporation

Back Button 6402 Datasheet HTML 223Page - Intel Corporation 6402 Datasheet HTML 224Page - Intel Corporation 6402 Datasheet HTML 225Page - Intel Corporation 6402 Datasheet HTML 226Page - Intel Corporation 6402 Datasheet HTML 227Page - Intel Corporation 6402 Datasheet HTML 228Page - Intel Corporation 6402 Datasheet HTML 229Page - Intel Corporation 6402 Datasheet HTML 230Page - Intel Corporation 6402 Datasheet HTML 231Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
227
Registers
14.7.2.11 EVENTSEL0: Event Selection Register
In LAI mode, selects 1 of 32 local events (see EVENT register) for 2 uses (Qual Start
and Qual Stop) and sets programmable delay for QualStop. In Normal mode, selects
local event for 2 uses (error injection and NB in-band event signaling) and sets
programmable delay for error injection.
11
SLOTMATCH0
Command in slot A, B, or C matches SBMATCH/SBMASK 0
10
SLOTMATCH1
Command in slot A, B, or C matches SBMATCH/SBMASK 1
9
SLOTMATCH2
Command in slot A, B, or C matches SBMATCH/SBMASK 2
8
SLOTCMATCH0
Command in slot C matches SBMATCH/SBMASK 0
7
SLOTCMATCH1
Command in slot C matches SBMATCH/SBMASK 1
6
SLOTCMATCH2
Command in slot C matches SBMATCH/SBMASK 2
5
SLOTBMATCH0
Command in slot B matches SBMATCH/SBMASK 0
4
SLOTBMATCH1
Command in slot B matches SBMATCH/SBMASK 1
3
SLOTBMATCH2
Command in slot B matches SBMATCH/SBMASK 2
2
SLOTAMATCH0
Command in slot A matches SBMATCH/SBMASK 0
1
SLOTAMATCH1
Command in slot A matches SBMATCH/SBMASK 1
0
SLOTAMATCH2
Command in slot A matches SBMATCH/SBMASK 2
MM
Event
Description
Device:
NodeID
Function: 5
Offset:
E0h
Bit
Attr
Default
Description
31:21
RV
00h
Reserved
20:15
RWST
3Fh
QUALSTOPDELAY: in LAI Mode
Additional number of clocks QualStop is delayed before use (0 to
63)
Power-on default to 63
INJERRORDELAY: in Normal Mode
Additional number of clocks INJERROR is delayed before use (0 to
63)
Power-on default to 63
14:10
RW
00h
INBAND: in LAI Mode
No effect. Northbound in-band debug events can not be asserted
in LAI mode
INBAND: in Normal Mode
If selected event occurs, assert the northbound in-band event bit
in next sync status 0 return and in FBDS0.S3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com