Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 228 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 228 Page - Intel Corporation

Back Button 6402 Datasheet HTML 224Page - Intel Corporation 6402 Datasheet HTML 225Page - Intel Corporation 6402 Datasheet HTML 226Page - Intel Corporation 6402 Datasheet HTML 227Page - Intel Corporation 6402 Datasheet HTML 228Page - Intel Corporation 6402 Datasheet HTML 229Page - Intel Corporation 6402 Datasheet HTML 230Page - Intel Corporation 6402 Datasheet HTML 231Page - Intel Corporation 6402 Datasheet HTML 232Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 250 page
background image
Registers
228
Intel® 6400/6402 Advanced Memory Buffer Datasheet
14.7.2.12 EVENTSEL1: Event Selection Register
Selects 1 of 32 local events (see EVENT register) for each of six events transmitted to
the LAI interface (events[5:0]).
14.7.2.13 EVENTSEL2: Event Selection Register
Selects 1 of 32 local events (see EVENT register) for each of five events transmitted to
the LAI interface (events[10:6]).
9:5
RWST
00h
QUALSTART: in LAI Mode
If selected event occurs, enable assertion of Qual until next
QUALSTOP
4:0
RWST
00h
QUALSTOP: in LAI Mode
• If selected event occurs, disable assertion of Qual until next
QUALSTART
INJERROR: in Normal Mode
• If selected event occurs, inject error selected by EICNTL
Device:
NodeID
Function: 5
Offset:
E0h
Bit
Attr
Default
Description
Device:
NodeID
Function: 5
Offset:
E4h
Bit
Attr
Default
Description
31:30
RV
00
Reserved
29:25
RWST
0Ah
LAITRIGGER5:
Local event selected and transmitted to LAI as TRIGGER5
Default on power on to MM[1] event= Activate on any
command
24:20
RWST
0Bh
LAITRIGGER4:
Local event selected and transmitted to LAI as TRIGGER4
Default on power on to MM[2] event= Sync command in slot
A
19:15
RWST
13h
LAITRIGGER3:
Local event selected and transmitted to LAI as TRIGGER3
Default on power on to select in-band debug event 3
14:10
RWST
12h
LAITRIGGER2:
Local event selected and transmitted to LAI as TRIGGER2
Default on power on to select in-band debug event 2
9:5
RWST
11h
LAITRIGGER1:
Local event selected and transmitted to LAI as TRIGGER1
Default on power on to select in-band debug event 1
4:0
RWST
10h
LAITRIGGER0:
Local event selected and transmitted to LAI as TRIGGER0
Default on power on to select in-band debug event 0
Device:
NodeID
Function: 5
Offset:
E8h
Bit
Attr
Default
Description
31:30
RV
00
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com