Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 232 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 232 Page - Intel Corporation

Back Button 6402 Datasheet HTML 228Page - Intel Corporation 6402 Datasheet HTML 229Page - Intel Corporation 6402 Datasheet HTML 230Page - Intel Corporation 6402 Datasheet HTML 231Page - Intel Corporation 6402 Datasheet HTML 232Page - Intel Corporation 6402 Datasheet HTML 233Page - Intel Corporation 6402 Datasheet HTML 234Page - Intel Corporation 6402 Datasheet HTML 235Page - Intel Corporation 6402 Datasheet HTML 236Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 250 page
background image
Registers
232
Intel® 6400/6402 Advanced Memory Buffer Datasheet
14.8.2.2
SBFIBPGCTL: SB Intel IBIST Pattern Generator Control Register
This register contains bits to control the operation of the Intel IBIST pattern generator.
All counts are in 24 bit increments.
4RWST
0
STOPONERR: Stop IBIST on Error
0: Do not stop on error, only update error counter
1: Stop on error
3RWST
0
LOOPCON: Loop forever
0: No looping
1: Loop forever
2RWCST
0
COMPLETE: IBIST done flag
This bit is set when the receive engine is done checking.
0: Not done
1: Done
1RWST
0
MSTRMD: Master Mode Enable
When this bit is set along with IBISTR, the Intel IBIST transmit engine is
enabled to transmit Intel IBIST patterns.
0: Disable Master mode.
1: Enable master mode.
0RWST
0
IBISTR: IBIST Start
When set, Intel IBIST starts transmitting after the TS1 header is recognized
during the next link initialization sequence. and MSTRMD bit is set.This bit also
enables the receive engine to start looking for the start delimiter during TS1
training set. This bit is reset when Intel IBIST receiver is done. The Intel IBIST
transmit and receive engines can be stopped by setting this bit to 0.
0: Stop IBIST transmitter
1: Start IBIST transmitter
Device:
NodeID
Function: 6
Offset:
80h
Bit
Attr
Default
Description
Device:
NodeID
Function: 6
Offset:
84h
Bit
Attr
Default
Description
31:26
RWST
0Fh
OVRLOOPCNT: Overall Loop Count
0h: Reserved
1h:3Fh: Number of times to loop all the patterns.
25:21
RWST
00h
CNSTGENCNT: Constant Generator Loop Counter
00h: Disable constant generator output
01h: 1Fh The number of times the constant generator counter pattern should loop
before going to the next component. Each count represents 24 bits of 1’s or 0’s.
20
RWST
0
CNSTGENSET: Constant Generator Setting
0: Generate 0
1: Generate 1
19:13
RWST
0Fh
MODLOOPCNT: Modulo-N Loop Counter
Each count represents 24 bits of the pattern specified by MODPERIOD.
00h: Disable Pattern Output
01h: 7Fh The number of times the Pattern Buffer should loop before going to the
next component.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com