Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 231 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 231 Page - Intel Corporation

Back Button 6402 Datasheet HTML 227Page - Intel Corporation 6402 Datasheet HTML 228Page - Intel Corporation 6402 Datasheet HTML 229Page - Intel Corporation 6402 Datasheet HTML 230Page - Intel Corporation 6402 Datasheet HTML 231Page - Intel Corporation 6402 Datasheet HTML 232Page - Intel Corporation 6402 Datasheet HTML 233Page - Intel Corporation 6402 Datasheet HTML 234Page - Intel Corporation 6402 Datasheet HTML 235Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
231
Registers
14.8
Bring-up and Debug Registers (Function 6)
14.8.1
SPAD[1:0]: Scratch Pad
These bits have no effect upon the operation of the AMB. They are intended to be used
by software for tracking changes in AMB state. These two registers are in different
functions.
14.8.2
Southbound FBD Intel® Interconnect BIST Registers
14.8.2.1
SBFIBPORTCTL: Southbound FBD Intel® Interconnect BIST Port
Control Register
This register controls the operation of the Intel® Interconnect BIST (Intel® IBIST)
logic. Please refer to Fully-Buffered DIMM DFx Specification for detailed description of
the operation of Intel IBIST.
Device:
NodeID
Function: 7, 6
Offset:
7Ch
Bit
Attr
Default
Description
31:0
RW
0000_0000h
FREE:
These bits are available for software definition.
Device:
NodeID
Function: 6
Offset:
80h
Bit
Attr
Default
Description
31:24
RV
00h
Reserved
23
RWST
0
SBNBMAP: Loopback mapping bit
This bit will be sent during TS1 to the slave to specify which lanes needs to be
looped back. Actual lanes looped back is specified in the FBD Architecture Spec.
22
RWST
0
CMMSTR: Compliance Measurement Mode start
This puts the Intel IBIST logic in CMM mode and Intel IBIST TX engine will start
transmitting Intel IBIST patterns.
21:12
RWCST
000h
ERRCNT: Error Counter
Total number of frames with errors that were encountered by this port.
11:8
ROST
0h
ERRLNNUM: Error Lane Number
This points to the first lane that encountered an error. If more than one lane
reports an error in a cycle, the most significant lane number that reported the
error will be logged.
7:6
RWCST
00
ERRSTAT: Port Error Status
When Intel IBIST is started, status goes to 01 until first start delimiter is
received and then goes to 00 until the end or to10 if an error occurs.
00: No error.
01: Did not receive first start delimiter.
10: Transmission error (first error).
11: Reserved for future use
5RWST
0
AUTOINVSWPEN: Auto Inversion sweep enable
This bit enables the inversion shift register to continuously rotate the pattern in
the FIBTXSHFT and FIBRXSHFT registers.
0: Disable Auto-inversion
1: Enable Auto-inversions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com