Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 233 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 233 Page - Intel Corporation

Back Button 6402 Datasheet HTML 229Page - Intel Corporation 6402 Datasheet HTML 230Page - Intel Corporation 6402 Datasheet HTML 231Page - Intel Corporation 6402 Datasheet HTML 232Page - Intel Corporation 6402 Datasheet HTML 233Page - Intel Corporation 6402 Datasheet HTML 234Page - Intel Corporation 6402 Datasheet HTML 235Page - Intel Corporation 6402 Datasheet HTML 236Page - Intel Corporation 6402 Datasheet HTML 237Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
233
Registers
14.8.2.3
SBFIBPATTBUF1: SB Intel IBIST Pattern Buffer 1 Register
This register contains the pattern bits used in Intel IBIST operations. Only the least
significant 24 bits are used. This user specified pattern goes out on to the link with the
least-significant 12 bits as the first frame and the most significant 12 bits as the
second frame.
14.8.2.4
SBFIBTXMSK: SB Intel IBIST Transmitter Mask Register
This register enables Intel IBIST operations for individual lanes. This mask only applies
to transmitters and not receivers.
12:10
RWST
001b
MODPERIOD: Period of the Modulo-N counter
Each encoding transmits a 24-bit pattern as specified below. All other encodings are
reserved.
001: L/2 - 0101_0101_0101_0101_0101_0101
010: L/4 - 0011_0011_0011_0011_0011_0011
011: L/6 - 0001_1100_0111_0001_1100_0111
100: L/8 - 0000_1111_0000_1111_0000_1111
110: L/24 - 0000_0000_0000_1111_1111_1111
9:3
RWST
0Fh
PATTLOOPCNT: Pattern Buffer Loop Counter
00h: Disable Pattern Output
01h: 7Fh The number of times the Pattern Buffer (FIBPATTBUF1) should be
repeated before going to the next component.
2:0
RWST
000
PTGENORD: Pattern Generation Order
000: Pattern Store + Modulo N Cntr + Constant Generator
001: Pattern Store + Constant Generator + Modulo N Cntr
010: Modulo N Cntr + Pattern Store + Constant Generator
011: Modulo N Cntr + Constant Generator + Pattern Store
100: Constant Generator + Pattern Store + Modulo N Cntr
101: Constant Generator + Modulo N Cntr + Pattern Store
110: Reserved
111: Reserved
Device:
NodeID
Function: 6
Offset:
84h
Bit
Attr
Default
Description
Device:
NodeID
Function: 6
Offset:
88h
Bit
Attr
Default
Description
31:24
RV
00h
Reserved
23:0
RWST
02ccfdh
IBPATBUF: IBIST Pattern Buffer
Pattern buffer storing the default and the user programmable
pattern.
Default: 02ccfdh
Device:
NodeID
Function: 6
Offset:
8Ch
Bit
Attr
Default
Description
31:10
RV
000000h
Reserved
9:0
RWST
3FFh
TXMASK: Selects which channels to enable for testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com