Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6402 Datasheet(PDF) 230 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 230 Page - Intel Corporation

Back Button 6402 Datasheet HTML 226Page - Intel Corporation 6402 Datasheet HTML 227Page - Intel Corporation 6402 Datasheet HTML 228Page - Intel Corporation 6402 Datasheet HTML 229Page - Intel Corporation 6402 Datasheet HTML 230Page - Intel Corporation 6402 Datasheet HTML 231Page - Intel Corporation 6402 Datasheet HTML 232Page - Intel Corporation 6402 Datasheet HTML 233Page - Intel Corporation 6402 Datasheet HTML 234Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 250 page
background image
Registers
230
Intel® 6400/6402 Advanced Memory Buffer Datasheet
14.7.3
Error Injection Registers
14.7.3.1
EICNTL: Error Injection Control
This register controls the AMB error injection logic.
14.7.3.2
STUCKL: Stuck “ON” FBD Lanes
This register selects FBD Lanes to be stuck at “Electrical Idle” following a write to this
register.
15:12
RWCST
0h
EV: Event Bus EV[3:0]
set on event and cleared by writing
11:9
RWCST
0h
MMEVENT: MMEVENT[2:0] selected by MMEVENTSEL
set on event and cleared by writing
8:1
RWST
0h
LINKST: FBD Link State: Disable[1], calibrate[2], training[3],
testing[4], pollling[5], config[6], l0[7], L0s or recalibrate[8]
One hot encoding of FBD link state
0
RO
0
NULL: Null Event: Bit never set
Device:
NodeID
Function: 5
Offset:
F0h
Bit
Attr
Default
Description
Device:
NodeID
Function: 5
Offset:
FCh
Bit
Attr
Default
Description
7RW0
EIEN:Error Injection Enable
1= Error Injection enabled
0= Error Injection disabled
6:4
RW
000
EITYPE: Type of error injection
111 = Reserved;
110 = Reserved
101 = Force NB Error bit on next Status return
100 = Force Alert on event
011 = Reserved
010 =Reserved
001= Corrupt NB CRC on event
000= No error injection
3:0
RV
0h
Reserved
Device:
NodeID
Function: 5
Offset:
FEh
Bit
Attr
Default
Description
7:4
RV
0h
Reserved
3:0
RWST
Fh
NBSTUCK: NB Lane to be driven to EI to simulate a failed lane
• 0h = lane 0: Dh = lane 13 and > 13 = NOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com