Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC771 Datasheet(PDF) 41 Page - Microchip Technology

Part # PIC16LC771
Description  18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC771 Datasheet(HTML) 41 Page - Microchip Technology

Back Button PIC16LC771 Datasheet HTML 37Page - Microchip Technology PIC16LC771 Datasheet HTML 38Page - Microchip Technology PIC16LC771 Datasheet HTML 39Page - Microchip Technology PIC16LC771 Datasheet HTML 40Page - Microchip Technology PIC16LC771 Datasheet HTML 41Page - Microchip Technology PIC16LC771 Datasheet HTML 42Page - Microchip Technology PIC16LC771 Datasheet HTML 43Page - Microchip Technology PIC16LC771 Datasheet HTML 44Page - Microchip Technology PIC16LC771 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 224 page
background image
 1999-2013 Microchip Technology Inc.
DS41120C-page 41
PIC16C717/770/771
4.0
PROGRAM MEMORY READ
(PMR)
Program memory is readable during normal operation
(full VDD range). It is indirectly addressed through the
Special Function Registers:
•PMCON1
•PMDATH
•PMDATL
• PMADRH
• PMADRL
When interfacing the program memory block, the
PMDATH & PMDATL registers form a 2-byte word,
which holds the 14-bit data. The PMADRH & PMADRL
registers form a 2-byte word, which holds the 12-bit
address of the program memory location being
accessed. Mid-range devices have up to 8K words of
program EPROM with an address range from 0h to
3FFFh. When the device contains less memory than
the full address range of the PMADRH:PMARDL regis-
ters, the Most Significant bits of the PMADRH register
are ignored.
4.1
PMCON1 REGISTER
PMCON1 is the control register for program memory
accesses.
Control bit RD initiates a read operation. This bit cannot
be cleared, only set, in software. It is cleared in hard-
ware at completion of the read operation.
REGISTER 4-1:
PROGRAM MEMORY READ CONTROL REGISTER 1 (PMCON1: 18Ch)
4.2
PMDATH AND PMDATL
REGISTERS
The PMDATH:PMDATL registers are loaded with the
contents of program memory addressed by the
PMADRH and PMADRL registers upon completion of a
Program Memory Read command.
R-1
U-0
U-0
U-0
U-0
U-0
U-0
R/S-0
Reserved
—
—
—
—
—
—RD
bit 7
bit 0
bit 7
Reserved: Read as ‘1’
bit 6-1
Unimplemented: Read as '0'
bit 0
RD: Read Control bit
1
= Initiates a Program memory read (read takes 2 cycles). RD is cleared in hardware.
0
= Reserved
Legend:
S = Settable (cleared in hardware)
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com