Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC771 Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC16LC771
Description  18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC771 Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC16LC771 Datasheet HTML 8Page - Microchip Technology PIC16LC771 Datasheet HTML 9Page - Microchip Technology PIC16LC771 Datasheet HTML 10Page - Microchip Technology PIC16LC771 Datasheet HTML 11Page - Microchip Technology PIC16LC771 Datasheet HTML 12Page - Microchip Technology PIC16LC771 Datasheet HTML 13Page - Microchip Technology PIC16LC771 Datasheet HTML 14Page - Microchip Technology PIC16LC771 Datasheet HTML 15Page - Microchip Technology PIC16LC771 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 224 page
background image
PIC16C717/770/771
DS41120C-page 12
 1999-2013 Microchip Technology Inc.
Bank 1
80h(3)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
23
81h
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
15
82h(3)
PCL
Program Counter's (PC) Least Significant Byte
0000 0000
22
83h(3)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
14
84h(3)
FSR
Indirect data memory address pointer
xxxx xxxx
23
85h
TRISA
PORTA Data Direction Register
1111 1111
25
86h
TRISB
PORTB Data Direction Register
1111 1111
33
87h
—
Unimplemented
—
—
88h
—
Unimplemented
—
—
89h
—
Unimplemented
—
—
8Ah(1,3)
PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
22
8Bh(3)
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
16
8Ch
PIE1
—ADIE
—
—
SSPIE
CCP1IE
TMR2IE
TMR1IE
-0-- 0000
17
8Dh
PIE2
LVDIE
—
—
—BCLIE
—
—
—
0--- 0---
19
8Eh
PCON
—
—
—
—OSCF
—POR
BOR
---- 1-qq
21
8Fh
—
Unimplemented
—
—
90h
—
Unimplemented
—
—
91h
SSPCON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000
69
92h
PR2
Timer2 Period Register
1111 1111
52
93h
SSPADD
Synchronous Serial Port (I2C mode) Address Register
0000 0000
76
94h
SSPSTAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
66
95h
WPUB
PORTB Weak Pull-up Control
1111 1111
34
96h
IOCB
PORTB Interrupt on Change Control
1111 0000
34
97h
P1DEL
PWM 1 Delay value
0000 0000
62
98h
—
Unimplemented
—
—
99h
—
Unimplemented
—
—
9Ah
—
Unimplemented
—
—
9Bh
REFCON
VRHEN
VRLEN
VRHOEN
VRLOEN
—
—
—
—
0000 ----
102
9Ch
LVDCON
—
—
BGST
LVDEN
LVV3
LVV2
LVV1
LVV0
--00 0101
101
9Dh
ANSEL
—
—
Analog Channel Select
--11 1111
25
9Eh
ADRESL
A/D Low Byte Result Register
xxxx xxxx
107
9Fh
ADCON1
ADFM
VCFG2
VCFG1
VCFG0
—
—
—
—
0000 ----
107
TABLE 2-1:
PIC16C717/770/771 SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Details
on
Page:
Legend: x = unknown, u = unchanged, q = value depends on condition, - = unimplemented read as '0'.
Shaded locations are unimplemented, read as ‘0’.
Note 1: The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8> whose
contents are transferred to the upper byte of the program counter.
2: Other (non Power-up) Resets include external RESET through MCLR and Watchdog Timer Reset.
3: These registers can be addressed from any bank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com