Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC771 Datasheet(PDF) 84 Page - Microchip Technology

Part # PIC16LC771
Description  18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC771 Datasheet(HTML) 84 Page - Microchip Technology

Back Button PIC16LC771 Datasheet HTML 80Page - Microchip Technology PIC16LC771 Datasheet HTML 81Page - Microchip Technology PIC16LC771 Datasheet HTML 82Page - Microchip Technology PIC16LC771 Datasheet HTML 83Page - Microchip Technology PIC16LC771 Datasheet HTML 84Page - Microchip Technology PIC16LC771 Datasheet HTML 85Page - Microchip Technology PIC16LC771 Datasheet HTML 86Page - Microchip Technology PIC16LC771 Datasheet HTML 87Page - Microchip Technology PIC16LC771 Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 224 page
background image
PIC16C717/770/771
DS41120C-page 84
Advance Information
 1999-2013 Microchip Technology Inc.
9.2.7
MULTI-MASTER OPERATION
In Multi-Master mode, the interrupt generation on the
detection of the START and STOP conditions allows
the determination of when the bus is free. The STOP
(P) and START (S) bits are cleared from a RESET or
when the MSSP module is disabled. Control of the I2C
bus may be taken when bit P (SSPSTAT<4>) is set, or
the bus is idle with both the S and P bits clear. When
the bus is busy, enabling the SSP Interrupt will gener-
ate the interrupt when the STOP condition occurs.
In multi-master operation, the SDA line must be moni-
tored for arbitration to see if the signal level is the
expected output level. This check is performed in hard-
ware, with the result placed in the BCLIF bit.
The states where arbitration can be lost are:
• Address Transfer
• Data Transfer
• A START Condition
• A Repeated START Condition
• An Acknowledge Condition
Refer to Application Note AN578, "Use of the SSP
Module in the I2C™ Multi-Master Environment."
9.2.8
I2C MASTER OPERATION
Master mode is enabled by setting and clearing the
appropriate SSPM bits in SSPCON and by setting the
SSPEN bit. Once Master mode is enabled, the user
has six options.
1.
Assert a START condition on SDA and SCL.
2.
Assert a Repeated START condition on SDA
and SCL.
3.
Write to the SSPBUF register initiating transmis-
sion of data/address.
4.
Generate a STOP condition on SDA and SCL.
5.
Configure the I2C port to receive data.
6.
Generate an Acknowledge condition at the end
of a received byte of data.
The master device generates all serial clock pulses and
the START and STOP conditions. A transfer is ended
with a STOP condition or with a Repeated START con-
dition. Since the Repeated START condition is also the
beginning of the next serial transfer, the I2C bus will not
be released.
9.2.9
BAUD RATE GENERATOR
The baud rate generator used for SPI mode operation
is used in the I2C Master mode to set the SCL clock fre-
quency. Standard SCL clock frequencies are 100 kHz,
400 kHz, and 1 MHz. One of these frequencies can be
achieved by setting the SSPADD register to the appro-
priate number for the selected Fosc frequency. One
half of the SCL period is equal to
[(SSPADD+1)
2]/Fosc.
The baud rate generator reload value is contained in
the lower seven bits of the SSPADD register (Figure 9-
14). When the BRG is loaded with this value, the BRG
counts down to 0 and stops until another reload occurs.
The BRG count is decremented twice per instruction
cycle (TCY) on the Q2 and Q4 clock.
In I2C Master mode, the BRG is reloaded automatically
provided that the SCL line is sampled high. For exam-
ple, if Clock Arbitration is taking place, the BRG reload
will be suppressed until the SCL line is released by the
slave allowing the pin to float high (Figure 9-15).
FIGURE 9-14:
BAUD RATE GENERATOR
BLOCK DIAGRAM
Note:
The MSSP Module, when configured in I2C
Master mode, does not allow queueing of
events. For instance, the user is not
allowed to initiate a START condition and
immediately write the SSPBUF register to
initiate transmission before the START
condition is complete. In this case, the
SSPBUF will not be written to, and the
WCOL bit will be set, indicating that a write
to the SSPBUF did not occur.
SSPM<3:0>
BRG Down Counter
BRG CLKOUT
Fosc/2
SSPADD<6:0>
SSPM<3:0>
SCL
Reload
Control
Reload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com