Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC771 Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC16LC771
Description  18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC771 Datasheet(HTML) 5 Page - Microchip Technology

  PIC16LC771 Datasheet HTML 1Page - Microchip Technology PIC16LC771 Datasheet HTML 2Page - Microchip Technology PIC16LC771 Datasheet HTML 3Page - Microchip Technology PIC16LC771 Datasheet HTML 4Page - Microchip Technology PIC16LC771 Datasheet HTML 5Page - Microchip Technology PIC16LC771 Datasheet HTML 6Page - Microchip Technology PIC16LC771 Datasheet HTML 7Page - Microchip Technology PIC16LC771 Datasheet HTML 8Page - Microchip Technology PIC16LC771 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 224 page
background image
 1999-2013 Microchip Technology Inc.
DS41120C-page 5
PIC16C717/770/771
1.0
DEVICE OVERVIEW
This document contains device-specific information.
Additional information may be found in the PICmicroTM
Mid-Range
MCU
Family
Reference
Manual,
(DS33023), which may be obtained from your local
Microchip Sales Representative or downloaded from
the Microchip website. The Reference Manual should
be considered a complementary document to this data
sheet, and is highly recommended reading for a better
understanding of the device architecture and operation
of the peripheral modules.
There are three devices (PIC16C717, PIC16C770 and
PIC16C771)
covered
by
this
data
sheet.
The
PIC16C717 device comes in 18/20-pin packages and
the PIC16C770/771 devices come in 20-pin packages.
The following two figures are device block diagrams of
the PIC16C717 and the PIC16C770/771.
FIGURE 1-1:
PIC16C717 BLOCK DIAGRAM
EPROM
Program
Memory
2K x 14
13
Data Bus
8
14
Program
Bus
Instruction reg
Program Counter
8 Level Stack
(13-bit)
RAM
File
Registers
256 x 8
Direct Addr
7
Addr(1)
9
Addr MUX
Indirect
Addr
FSR reg
STATUS reg
MUX
ALU
W reg
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Instruction
Decode &
Control
OSC1/CLKIN
OSC2/CLKOUT
VDD, VSS
PORTA
PORTB
RA4/T0CKI
RB0/AN4/INT
RB4/SDI/SDA
8
8
Brown-out
Reset
Note 1: Higher order bits are from the STATUS register.
Enhanced CCP
Master
Timer0
Timer1
Timer2
Synchronous
RA3/AN3/VREF+/VRH
RA2/AN2/VREF-/VRL
RA1/AN1/LVDIN
RA0/AN0
8
3
Timing
Generation
10-bit
ADC
RB1/AN5/SS
RB2/SCK/SCL
RB3/CCP1/P1A
RA5/MCLR/VPP
RA6/OSC2/CLKOUT
RA7/OSC1/CLKIN
RB5/SDO/P1B
RB6/T1OSO/T1CKI/P1C
RB7/T1OSI/P1D
Internal
4 MHz, 37 kHz
and ER mode
(ECCP)
Serial Port (MSSP)
Bandgap
Reference
Low-voltage
Detect
RAM
Program Memory
Read (PMR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com