Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC771 Datasheet(PDF) 60 Page - Microchip Technology

Part # PIC16LC771
Description  18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC771 Datasheet(HTML) 60 Page - Microchip Technology

Back Button PIC16LC771 Datasheet HTML 56Page - Microchip Technology PIC16LC771 Datasheet HTML 57Page - Microchip Technology PIC16LC771 Datasheet HTML 58Page - Microchip Technology PIC16LC771 Datasheet HTML 59Page - Microchip Technology PIC16LC771 Datasheet HTML 60Page - Microchip Technology PIC16LC771 Datasheet HTML 61Page - Microchip Technology PIC16LC771 Datasheet HTML 62Page - Microchip Technology PIC16LC771 Datasheet HTML 63Page - Microchip Technology PIC16LC771 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 224 page
background image
PIC16C717/770/771
DS41120C-page 60
 1999-2013 Microchip Technology Inc.
In Full-Bridge Output mode, four pins are used as out-
puts; however, only two outputs are active at a time. In
the Forward mode, RB3/CCP1/P1A pin is continuously
active, and RB7/T1OSI/P1D pin is modulated. In the
Reverse mode, RB6/T1OSO/T1CKI/P1C pin is contin-
uously active, and RB5/SDO/P1B pin is modulated.
P1A, P1B, P1C and P1D outputs are multiplexed with
PORTB<3> and PORTB<5:7> data latches. TRISB<3>
and TRISB<5:7> bits must be cleared to make the P1A,
P1B, P1C, and P1D pins output.
FIGURE 8-8:
FULL-BRIDGE PWM OUTPUT
Period
Duty Cycle
P1A(2)
P1B(2)
P1C(2)
P1D(2)
FORWARD MODE
(1)
Period
Duty Cycle
P1A(2)
P1C(2)
P1D(2)
P1B(2)
REVERSE MODE
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
(1)
(1)
(1)
Note 1: At this time, the TMR2 register is equal to the PR2 register.
2: Output signal is shown as asserted high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com