Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC771 Datasheet(PDF) 86 Page - Microchip Technology

Part # PIC16LC771
Description  18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC771 Datasheet(HTML) 86 Page - Microchip Technology

Back Button PIC16LC771 Datasheet HTML 82Page - Microchip Technology PIC16LC771 Datasheet HTML 83Page - Microchip Technology PIC16LC771 Datasheet HTML 84Page - Microchip Technology PIC16LC771 Datasheet HTML 85Page - Microchip Technology PIC16LC771 Datasheet HTML 86Page - Microchip Technology PIC16LC771 Datasheet HTML 87Page - Microchip Technology PIC16LC771 Datasheet HTML 88Page - Microchip Technology PIC16LC771 Datasheet HTML 89Page - Microchip Technology PIC16LC771 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 224 page
background image
PIC16C717/770/771
DS41120C-page 86
Advance Information
 1999-2013 Microchip Technology Inc.
9.2.11
I2C MASTER MODE REPEATED
START CONDITION TIMING
A Repeated START condition occurs when the RSEN
bit (SSPCON2<1>) is set high while the I2C module is
in the idle state. When the RSEN bit is set, the SCL pin
is asserted low. When the SCL pin is sampled low, the
baud rate generator is loaded with the contents of
SSPADD<6:0> and begins counting. The SDA pin is
released (brought high) for one baud rate generator
count (TBRG). When the baud rate generator times out,
if SDA is sampled high, the SCL pin will be de-asserted
(brought high). When SCL is sampled high, the baud
rate generator is reloaded with the contents of
SSPADD<6:0> and begins counting. SDA and SCL
must be sampled high for one TBRG period. This action
is then followed by assertion of the SDA pin (SDA is
low) for one TBRG period while SCL is high. As soon as
a START condition is detected on the SDA and SCL
pins, the S bit (SSPSTAT<3>) will be set. Following
this, the baud rate generator is reloaded with the con-
tents of SSPAD<6:0> and begins counting. When the
BRG times out a third time, the RSEN bit in the
SSPCON2 register is automatically cleared and SCL is
pulled low. The SSPIF flag is set, which indicates the
Restart sequence is complete.
Immediately following the SSPIF bit transition to true,
the user may write the SSPBUF with the 7-bit address
in 7-bit mode, or the default first address in 10-bit
mode. After the first eight bits are transmitted and an
ACK is received, the user may then perform one of the
following:
• Transmit an additional eight bits of address (if the
user transmitted the first half of a 10-bit address
with R/W = 0),
• Transmit eight bits of data (if the user transmitted
a 7-bit address with R/W = 0), or
• Receive eight bits of data (if the user transmitted
either the first half of a 10-bit address or a 7-bit
address with R/W = 1).
9.2.11.1
WCOL STATUS FLAG
If the user writes the SSPBUF when a Repeated
START sequence is in progress, then WCOL is set and
the contents of the buffer are unchanged (the write
doesn’t occur).
FIGURE 9-17:
REPEAT START CONDITION WAVEFORM
Note 1: If RSEN is set while another event is in
progress, it will not take effect. Queuing of
events is not allowed.
2: A bus collision during the Repeated
START condition occurs if either of the
following is true:
a)
SDA is sampled low when SCL
goes from low to high.
b)
SCL goes low before SDA is
asserted low. This may indicate
that another master is attempting
to transmit a data “1”.
Note:
Because
queueing
of
events
is
not
allowed, writing of the lower five bits of
SSPCON2 is disabled until the Repeated
START condition is complete.
SDA
SCL
Sr = Repeated START
Write to SSPCON2
Write to SSPBUF occurs here.
Falling edge of ninth clock
End of Xmit
At completion of START bit,
hardware clears RSEN bit
1st Bit
Set S (SSPSTAT<3>)
TBRG
TBRG
SDA = 1,
SDA = 1,
SCL (no change)
SCL = 1
occurs here.
TBRG
TBRG
TBRG
and sets SSPIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com