Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC771 Datasheet(PDF) 87 Page - Microchip Technology

Part # PIC16LC771
Description  18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC771 Datasheet(HTML) 87 Page - Microchip Technology

Back Button PIC16LC771 Datasheet HTML 83Page - Microchip Technology PIC16LC771 Datasheet HTML 84Page - Microchip Technology PIC16LC771 Datasheet HTML 85Page - Microchip Technology PIC16LC771 Datasheet HTML 86Page - Microchip Technology PIC16LC771 Datasheet HTML 87Page - Microchip Technology PIC16LC771 Datasheet HTML 88Page - Microchip Technology PIC16LC771 Datasheet HTML 89Page - Microchip Technology PIC16LC771 Datasheet HTML 90Page - Microchip Technology PIC16LC771 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 224 page
background image
 1999-2013 Microchip Technology Inc.
Advance Information
DS41120C-page 87
PIC16C717/770/771
9.2.12
I2C MASTER MODE
TRANSMISSION
In Master-transmitter mode, serial data is output
through SDA, while SCL outputs the serial clock. The
first byte transmitted contains seven bits of address
data and the Read/Write (R/W) bit. In this case, the R/
W bit will be logic '0'. Subsequent serial data is trans-
mitted eight bits at a time. After each byte is transmit-
ted, an Acknowledge bit is received. START and STOP
conditions are output to indicate the beginning and the
end of a serial transfer.
Transmission of a data byte, a 7-bit address, or either
half of a 10-bit address is accomplished by simply writ-
ing a value to the SSPBUF register. This action will set
the buffer full flag (BF) and allow the baud rate genera-
tor to begin counting and start the next transmission.
Each bit of address/data will be shifted out onto the
SDA pin after the falling edge of SCL is asserted (see
data hold time spec). SCL is held low for one baud rate
generator roll over count (TBRG). Data should be valid
before SCL is released high (see data setup time
spec). When the SCL pin is released high, it is held that
way for TBRG, the data on the SDA pin must remain sta-
ble for that duration and some hold time after the next
falling edge of SCL. After the eighth bit is shifted out
(the falling edge of the eighth clock), the BF flag is
cleared and the master releases SDA. This allows the
slave device being addressed to respond with an ACK
bit during the ninth bit time. The status of ACK is read
into the ACKDT on the rising edge of the ninth clock. If
the master receives an Acknowledge, the Acknowl-
edge status bit (ACKSTAT) is cleared. Otherwise, the
bit is set. The SSPIF is set on the falling edge of the
ninth clock, and the master clock (baud rate generator)
is suspended until the next data byte is loaded into the
SSPBUF leaving SCL low and SDA unchanged
(Figure 9-18).
A typical transmit sequence would go as follows:
a)
The user generates a START Condition by set-
ting the START enable bit (SEN) in SSPCON2.
b)
SSPIF is set at the completion of the START
sequence.
c)
The user resets the SSPIF bit and loads the
SSPBUF with seven bits of address plus R/W bit
to transmit.
d)
Address and R/W is shifted out the SDA pin until
all eight bits are transmitted.
e)
The MSSP Module shifts in the ACK bit from the
slave device, and writes its value into the
SSPCON2 register (SSPCON2<6>).
f)
The module generates an interrupt at the end of
the ninth clock cycle by setting SSPIF.
g)
The user resets the SSPIF bit and loads the
SSPBUF with eight bits of data.
h)
DATA is shifted out the SDA pin until all eight bits
are transmitted.
i)
The MSSP Module shifts in the ACK bit from the
slave device and writes its value into the
SSPCON2 register (SSPCON2<6>).
j)
The MSSP module generates an interrupt at the
end of the ninth clock cycle by setting the SSPIF
bit.
k)
The user resets the SSPIF bit and generates a
STOP condition by setting the STOP enable bit
PEN in SSPCON2.
l)
SSPIF is set when the STOP condition is complete.
9.2.12.1
BF STATUS FLAG
In Transmit mode, the BF bit (SSPSTAT<0>) is set
when the CPU writes to SSPBUF and is cleared when
all eight bits are shifted out.
9.2.12.2
WCOL STATUS FLAG
If the user writes the SSPBUF when a transmit is
already in progress (i.e. SSPSR is still shifting out a
data byte), then WCOL is set and the contents of the
buffer are unchanged (the write doesn’t occur).
WCOL must be cleared in software.
9.2.12.3
ACKSTAT STATUS FLAG
In Transmit mode, the ACKSTAT bit (SSPCON2<6>) is
cleared when the slave has sent an Acknowledge
(ACK = 0), and is set when the slave does not Acknowl-
edge (ACK = 1). A slave sends an Acknowledge when
it has recognized its address (including a general call),
or when the slave has properly received its data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com