Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC771 Datasheet(PDF) 44 Page - Microchip Technology

Part # PIC16LC771
Description  18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC771 Datasheet(HTML) 44 Page - Microchip Technology

Back Button PIC16LC771 Datasheet HTML 40Page - Microchip Technology PIC16LC771 Datasheet HTML 41Page - Microchip Technology PIC16LC771 Datasheet HTML 42Page - Microchip Technology PIC16LC771 Datasheet HTML 43Page - Microchip Technology PIC16LC771 Datasheet HTML 44Page - Microchip Technology PIC16LC771 Datasheet HTML 45Page - Microchip Technology PIC16LC771 Datasheet HTML 46Page - Microchip Technology PIC16LC771 Datasheet HTML 47Page - Microchip Technology PIC16LC771 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 224 page
background image
PIC16C717/770/771
DS41120C-page 44
 1999-2013 Microchip Technology Inc.
TABLE 4-1:
PROGRAM MEMORY READ REGISTER SUMMARY
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on all
other
RESETS
18Ch
PMCON1
Reserved
—
—
—
—
—
—RD
1--- ---0
1--- ---0
10Eh
PMDATH
—
—
PMD13
PMD12
PMD11
PMD10
PMD9
PMD8
--xx xxxx
--uu uuuu
10Ch
PMDATL
PMD7
PMD6
PMD5
PMD4
PMD3
PMD2
PMD1
PMD0
xxxx xxxx
uuuu uuuu
10Fh
PMADRH
—
—
—
—
PMA11
PMA10
PMA9
PMA8
---- xxxx
---- uuuu
10Dh
PMADRL
PMA7
PMA6
PMA5
PMA4
PMA3
PMA2
PMA1
PMA0
xxxx xxxx
uuuu uuuu
Legend: x = unknown, u = unchanged, - = unimplemented locations read as '0'. Shaded cells are not used by Program Memory Read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com