Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC771 Datasheet(PDF) 82 Page - Microchip Technology

Part # PIC16LC771
Description  18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC771 Datasheet(HTML) 82 Page - Microchip Technology

Back Button PIC16LC771 Datasheet HTML 78Page - Microchip Technology PIC16LC771 Datasheet HTML 79Page - Microchip Technology PIC16LC771 Datasheet HTML 80Page - Microchip Technology PIC16LC771 Datasheet HTML 81Page - Microchip Technology PIC16LC771 Datasheet HTML 82Page - Microchip Technology PIC16LC771 Datasheet HTML 83Page - Microchip Technology PIC16LC771 Datasheet HTML 84Page - Microchip Technology PIC16LC771 Datasheet HTML 85Page - Microchip Technology PIC16LC771 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 224 page
background image
PIC16C717/770/771
DS41120C-page 82
Advance Information
 1999-2013 Microchip Technology Inc.
9.2.3
GENERAL CALL ADDRESS
SUPPORT
The addressing procedure for the I2C bus is such that
the first byte after the START condition usually deter-
mines which device will be the slave addressed by the
master. The exception is the general call address,
which can address all devices. When this address is
used, all devices should, in theory, respond with an
Acknowledge.
The general call address is one of eight addresses
reserved for specific purposes by the I2C protocol. It
consists of all 0’s with R/W = 0
The general call address is recognized when the Gen-
eral Call Enable bit (GCEN) is set (SSPCON2<7> is
set). Following a START bit detect, eight bits are shifted
into the SSPSR, and the address is compared against
SSPADD. It is also compared to the general call
address, fixed in hardware.
If the general call address matches, the SSPSR is
transferred to the SSPBUF, the BF flag is set (eighth
bit), and on the falling edge of the ninth bit (ACK bit),
the SSPIF flag is set.
When the interrupt is serviced, the source for the inter-
rupt can be checked by reading the contents of the
SSPBUF to determine if the address was device spe-
cific or a general call address.
If the general call address is sampled with GCEN set
and the slave configured in 10-bit Address mode, the
second half of the address is not necessary. The UA bit
will not be set and the slave will begin receiving data
after the Acknowledge (Figure 9-12).
FIGURE 9-12:
SLAVE MODE GENERAL CALL ADDRESS SEQUENCE (7- OR 10-BIT MODE)
SDA
SCL
S
SSPIF
BF
SSPOV
Cleared in software
SSPBUF is read
R/W = 0
ACK
General Call Address
Address is compared to General Call Address
GCEN
Receiving data
ACK
12
3
4
5
6
7
8
9
1
2
3
4
5
67
8
9
D7
D6
D5
D4
D3
D2
D1
D0
after ACK, set interrupt flag
'0'
'1'
(SSPSTAT<0>)
(SSPCON<6>)
(SSPCON2<7>)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com