Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC771 Datasheet(PDF) 53 Page - Microchip Technology

Part # PIC16LC771
Description  18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC771 Datasheet(HTML) 53 Page - Microchip Technology

Back Button PIC16LC771 Datasheet HTML 49Page - Microchip Technology PIC16LC771 Datasheet HTML 50Page - Microchip Technology PIC16LC771 Datasheet HTML 51Page - Microchip Technology PIC16LC771 Datasheet HTML 52Page - Microchip Technology PIC16LC771 Datasheet HTML 53Page - Microchip Technology PIC16LC771 Datasheet HTML 54Page - Microchip Technology PIC16LC771 Datasheet HTML 55Page - Microchip Technology PIC16LC771 Datasheet HTML 56Page - Microchip Technology PIC16LC771 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 224 page
background image
 1999-2013 Microchip Technology Inc.
DS41120C-page 53
PIC16C717/770/771
8.0
ENHANCED CAPTURE/
COMPARE/PWM (ECCP)
MODULES
The
ECCP
(Enhanced
Capture/Compare/PWM)
module contains a 16-bit register which can operate as
a 16-bit capture register, as a 16-bit compare register
or as a PWM master/slave Duty Cycle register.
Table 8-1 shows the timer resources of the ECCP mod-
ule modes.
Capture/Compare/PWM Register1 (CCPR1) is com-
prised of two 8-bit registers: CCPR1L (low byte) and
CCPR1H (high byte). The CCP1CON and P1DEL reg-
isters control the operation of ECCP. All are readable
and writable.
REGISTER 8-1:
CCP1 CONTROL REGISTER (CCP1CON: 17h)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PWM1M1 PWM1M0
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
bit 7
bit 0
bit 7-6
PWM1M<1:0>: PWM Output Configuration
CCP1M<3:2> = 00, 01, 10
xx
= P1A assigned as Capture input, Compare output. P1B, P1C, P1D assigned as Port pins.
CCP1M<3:2> = 11
00
= Single output. P1A modulated. P1B, P1C, P1D assigned as Port pins.
01
= Full-bridge output forward. P1D modulated. P1A active. P1B, P1C inactive.
10
= Half-bridge output. P1A, P1B modulated with deadband control. P1C, P1D assigned as
Port pins.
11
= Full-bridge output reverse. P1B modulated. P1C active. P1A, P1D inactive.
bit 5-4
DC1B<1:0>: PWM Duty Cycle Least Significant bits
Capture Mode: Unused
Compare Mode: Unused
PWM Mode: These bits are the two LSbs of the PWM duty cycle. The eight MSbs are found in
CCPRnL.
bit 3-0
CCP1M<3:0>: ECCP Mode Select bits
0000
= Capture/Compare/PWM off (resets ECCP module)
0001
= Unused (reserved)
0010
= Compare mode, toggle output on match (CCP1IF bit is set)
0011
= Unused (reserved)
0100
= Capture mode, every falling edge
0101
= Capture mode, every rising edge
0110
= Capture mode, every 4th rising edge
0111
= Capture mode, every 16th rising edge
1000
= Compare mode, set output on match (CCP1IF bit is set)
1001
= Compare mode, clear output on match (CCP1IF bit is set)
1010
= Compare mode, generate software interrupt on match (CCP1IF bit is set, CCP1 pin is
unaffected)
1011
= Compare mode, trigger special event (CCP1IF bit is set; ECCP resets TMR1, and starts
an A/D conversion, if the A/D module is enabled.)
1100
= PWM mode. P1A, P1C active high. P1B, P1D active high.
1101
= PWM mode. P1A, P1C active high. P1B, P1D active low.
1110
= PWM mode. P1A, P1C active low. P1B, P1D active high.
1111
= PWM mode. P1A, P1C active low. P1B, P1D active low.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com