Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC771 Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC16LC771
Description  18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC771 Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC16LC771 Datasheet HTML 87Page - Microchip Technology PIC16LC771 Datasheet HTML 88Page - Microchip Technology PIC16LC771 Datasheet HTML 89Page - Microchip Technology PIC16LC771 Datasheet HTML 90Page - Microchip Technology PIC16LC771 Datasheet HTML 91Page - Microchip Technology PIC16LC771 Datasheet HTML 92Page - Microchip Technology PIC16LC771 Datasheet HTML 93Page - Microchip Technology PIC16LC771 Datasheet HTML 94Page - Microchip Technology PIC16LC771 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 224 page
background image
 1999-2013 Microchip Technology Inc.
Advance Information
DS41120C-page 91
PIC16C717/770/771
9.2.14
ACKNOWLEDGE SEQUENCE
TIMING
An Acknowledge sequence is enabled by setting the
Acknowledge
sequence
enable
bit,
ACKEN
(SSPCON2<4>). When this bit is set, the SCL pin is
pulled low and the contents of the Acknowledge data bit
ACKDT (SSPCON2<5>) is presented on the SDA pin.
If the user wishes to generate an Acknowledge (ACK),
then the ACKDT bit should be cleared. Otherwise, the
user should set the ACKDT bit (NACK) before starting
an Acknowledge sequence. The baud rate generator is
then loaded from SSPADD<6:0> and counts for one
rollover period (TBRG). The SCL pin is then de-asserted
(pulled high). When the SCL pin is sampled high (clock
arbitration), the baud rate generator is reloaded and
counts for another TBRG. At the completion of the TBRG
period, the following events occur (see Figure 9-20):
• The SCL pin is pulled low.
• The ACKEN bit is automatically cleared.
• The baud rate generator is turned off.
• The MSSP module goes into IDLE mode.
9.2.14.1
WCOL STATUS FLAG
If the user writes the SSPBUF when an Acknowledge
sequence is in progress, the WCOL is set and the con-
tents of the buffer are unchanged (the write doesn’t
occur).
FIGURE 9-20:
ACKNOWLEDGE SEQUENCE WAVEFORM
Note: TBRG = one baud rate generator period.
SDA
SCL
SSPIF occurs at the
Acknowledge sequence starts here,
Write to SSPCON2
ACKEN automatically cleared
Cleared in
TBRG
TBRG
end of receive
ACK
8
ACKEN = 1, ACKDT = 0
D0
9
SSPIF
software
SSPIF occurs at the end
of Acknowledge sequence
Cleared in
software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com