Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC771 Datasheet(PDF) 63 Page - Microchip Technology

Part # PIC16LC771
Description  18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC771 Datasheet(HTML) 63 Page - Microchip Technology

Back Button PIC16LC771 Datasheet HTML 59Page - Microchip Technology PIC16LC771 Datasheet HTML 60Page - Microchip Technology PIC16LC771 Datasheet HTML 61Page - Microchip Technology PIC16LC771 Datasheet HTML 62Page - Microchip Technology PIC16LC771 Datasheet HTML 63Page - Microchip Technology PIC16LC771 Datasheet HTML 64Page - Microchip Technology PIC16LC771 Datasheet HTML 65Page - Microchip Technology PIC16LC771 Datasheet HTML 66Page - Microchip Technology PIC16LC771 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 224 page
background image
 1999-2013 Microchip Technology Inc.
DS41120C-page 63
PIC16C717/770/771
Note that in the Full-Bridge Output mode, the ECCP
module does not provide any deadband delay. In gen-
eral, since only one output is modulated at a time,
deadband delay is not required. However, there is a sit-
uation where a deadband delay might be required. This
situation occurs when all of the following conditions are
true:
1.
The direction of the PWM output changes when
the duty cycle of the output is at or near 100%.
2.
The turn off time of the power switch, including
the power device and driver circuit, is greater
than turn on time.
Figure 8-11 shows an example, where the PWM direc-
tion changes from forward to reverse at a near 100%
duty cycle. At time t1, the output P1A and P1D become
inactive, while output P1C becomes active. In this
example, since the turn off time of the power devices is
longer than the turn on time, a shoot-through current
flows through the power devices, QB and QD, for the
duration of t= toff-ton. The same phenomenon will occur
to power devices, QC and QB, for PWM direction
change from reverse to forward.
If changing PWM direction at high duty cycle is required
for the user’s application, one of the following require-
ments must be met:
1.
Avoid changing PWM output direction at or near
100% duty cycle.
2.
Use switch drivers that compensate for the slow
turn off of the power devices. The total turn off
time (toff) of the power device and the driver
must be less than the turn on time (ton).
FIGURE 8-11: PWM DIRECTION CHANGE AT NEAR 100% DUTY CYCLE
FORWARD PERIOD
REVERSE PERIOD
(PWM)
P1A 1
0
(PWM)
ton
toff
t = toff - ton
1
0
1
0
1
0
1
0
1
0
1
0
P1B
P1C
P1D
External Switch D
Potential
Shoot Through
Current
Note 1: All signals are shown as active high.
2: ton is the turn on delay of power switch and driver.
3: toff is the turn off delay of power switch and driver.
External Switch C
t1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com