Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16LC771 Datasheet(PDF) 67 Page - Microchip Technology

Part # PIC16LC771
Description  18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC771 Datasheet(HTML) 67 Page - Microchip Technology

Back Button PIC16LC771 Datasheet HTML 63Page - Microchip Technology PIC16LC771 Datasheet HTML 64Page - Microchip Technology PIC16LC771 Datasheet HTML 65Page - Microchip Technology PIC16LC771 Datasheet HTML 66Page - Microchip Technology PIC16LC771 Datasheet HTML 67Page - Microchip Technology PIC16LC771 Datasheet HTML 68Page - Microchip Technology PIC16LC771 Datasheet HTML 69Page - Microchip Technology PIC16LC771 Datasheet HTML 70Page - Microchip Technology PIC16LC771 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 224 page
background image
 1999-2013 Microchip Technology Inc.
Advance Information
DS41120C-page 67
PIC16C717/770/771
REGISTER 9-2:
SYNC SERIAL PORT CONTROL REGISTER (SSPCON: 14h)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
bit 7
bit 0
bit 7
WCOL: Write Collision Detect bit
Master Mode:
1
= A write to the SSPBUF register was attempted while the I2C conditions were not valid for a
transmission to be started
0
= No collision
Slave Mode:
1
= The SSPBUF register is written while it is still transmitting the previous word (must be
cleared in software)
0
= No collision
bit 6
SSPOV: Receive Overflow Indicator bit
In SPI mode
1
= A new byte is received while the SSPBUF register is still holding the previous data. In case
of overflow, the data in SSPSR is lost. Overflow can only occur in Slave mode. In Slave
mode, the user must read the SSPBUF, even if only transmitting data, to avoid setting over-
flow. In Master mode, the overflow bit is not set since each new reception (and transmis-
sion) is initiated by writing to the SSPBUF register. (Must be cleared in software).
0
= No overflow
In I2C mode
1
= A byte is received while the SSPBUF register is still holding the previous byte. SSPOV is a
"don’t care" in Transmit mode. (Must be cleared in software).
0
= No overflow
bit 5
SSPEN: Synchronous Serial Port Enable bit
In both modes, when enabled, the I/O pins must be properly configured as input or output.
In SPI mode
1
= Enables serial port and configures SCK, SDO, SDI, and SS as the source of the serial port
pins
0
= Disables serial port and configures these pins as I/O port pins
In I2C mode
1
= Enables the serial port and configures the SDA and SCL pins as the source of the serial
port pins
0
= Disables serial port and configures these pins as I/O port pins
bit 4
CKP: Clock Polarity Select bit
In SPI mode
1
= IDLE state for clock is a high level
0
= IDLE state for clock is a low level
In I2C Slave mode SCK release control
1
= Enable clock
0
= Holds clock low (clock stretch) (used to ensure data setup time)
In I2C Master mode
Unused in this mode
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com