Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC39J84IAAVR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 28 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 24Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 25Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 26Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 27Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 28Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 29Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 30Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 31Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 146 page
background image
0.7V
0.25V
50pF
50O
50O
TERM
=100
TERM
=001
TERM
=101
Level
Shift
RXP
RXN
To
Equalizer
&
Samplers
DAC39J84
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
www.ti.com
7.3 Feature Description
7.3.1 Serdes Input
The RX [7:0]P/N differential inputs are each internally terminated to a common point via 50
Ω, as shown in
Figure 55.
Figure 55. Serial Lane Input Termination
Common mode termination is via a 50pF capacitor to GND. The common mode voltage and termination of the
differential signal can be controlled in a number of ways to suit a variety of applications via rw_cfgrx0 [10:8]
(TERM), as described in Table 1.
(Note: AC coupling is recommended for JESD204B compliance.)
Table 1. Receiver Termination Selection
TERM
EFFECT
000
Reserved
001
Common point set to 0.7V. This configuration is for AC coupled systems. The transmitter has no effect on the receiver common
mode, which is set to optimize the input sensitivity of the receiver.
01x
Reserved
100
Common point set to GND. This configuration is for applications that require a 0V common mode.
101
Common point set to 0.25V. This configuration is for applications that require a low common mode.
110
Reserved
111
Common point floating. This configuration is for DC coupled systems in which the common mode voltage is set by the attached
transmit link parter to 0 and 0.6V. Note: this mode is not compatible with JESD204B.
Data input is sampled by the differential sensing amplifier using clocks derived from the clock recovery algorithm.
The polarity of RXP and RXN can be inverted by setting the INVPAIR [7:0] bit of the corresponding lane to “1”.
This can potentially simplify PCB layout and improve signal integrity by avoiding the need to swap over the
differential signal traces.
Due to processing effects, the devices in the RXP and RXN differential sense amplifiers will not be perfectly
matched and there will be some offset in switching threshold. DAC39J84 contains circuitry to detect and correct
for this offset. This feature can be enabled by setting the rw_cfgrx0 [23] (ENOC) bit to “1”. It is anticipated the
most users will enable this feature. During the compensation process, rw_cfgrx0 [25:24] (LOOPBACK) bit must
be set to “00”.
7.3.2 Serdes Rate
DAC39J84 has 8 configurable JESD204B serial lanes. The highest speed of each SerDes lane is 12.5Gbps.
Because the primary operating frequency of the SerDes is determined by its reference clock and PLL
multiplication factor, there is a limit on the lowest SerDes rate supported, refer to Table 2 for details. To support
lower speed application, each receiver should be configured to operate at half, quarter or eighth of the full rate
via rw_cfgrx0 [6:5] (RATE).
28
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com