Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC39J84IAAVR Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 80 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 76Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 77Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 78Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 79Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 80Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 81Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 82Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 83Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 146 page
background image
DAC39J84
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
www.ti.com
7.5.1.28 config27 Register – Address: 0x1B, Default: 0x0000
Figure 109. config27 Register Format
15
14
13
12
11
10
9
8
extref_ ena
dtest_ lane
dtest
7
6
5
4
3
2
1
0
reserved
reserved
atest
Table 58. config27 Register Field Descriptions
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config27
0x1B
15
extref_ ena
Allows the chip to use an external reference or the internal reference. (0=internal,
0
1=external)
14:12
dtest_ lane
Selects the lane to output the test signal. 0=lane0, 7=lane7
000
11:8
dtest
Allows digital test signals to come out the ALARM pin. 0000 : Test disabled, normal
0000
ALARM pin function
0001 : SERDES Block0 PLL clock/80
0010 : SERDES Block1 PLL clock/80
0011 : TESTFAIL (lane selected by dtest_lane)
0100 : SYNC(lane selected by dtest_lane)
0101 : OCIP (lane selected by dtest_lane)
0110 : EQUNDER (lane selected by dtest_lane)
0111 : EQOVER (lane selected by dtest_lane)
1000 – 1111 : not used
7
reserved
Reserved
0
6
reserved
Reserved
0
5:0
atest
Selects measurement of various internal signals at the ATEST pin. 0=off
000000
000001 : DAC PLL VSSA (0V)
000010 : DAC PLL VDD at DACCLK receiver and ndivider (0.9V)
000011 : DAC PLL 100uA bias current measurement into 0V
000100 : DAC PLL 100uA vbias at VCO (~0.8V nmos diode)
000101 : DAC PLL VDD at prescaler and mdivider (0.9V)
000110 : DAC PLL VSSA (0V)
000111 : DAC PLL VDDA1.8 (1.8V)
001000 : DAC PLL loop filter voltage (0 to 1V, ~0.5V when locked)
001001 : DACA VDDA18 (1.8V)
001010 : DACA VDDCLK (0.9)
001011 : DACA VDDDAC (0.9)
001100 : DACA VSSA (0V)
001101 : DACA VSSESD (0V)
001110 : DACA VSSA (0V)
001111 : DACA main current source PMOS cascode bias (1.65V)
010000 : DACA output switch cascode bias (0.4V)
010001 : DACB VDDA18 (1.8V)
010010 : DACB VDDCLK (0.9)
010011 : DACB VDDDAC (0.9)
010100 : DACB VSSA (0V)
010101 : DACB VSSESD (0V)
010110 : DACB VSSA (0V)
010111 : DACB main current source PMOS cascode bias (1.65V)
011000 : DACB output switch cascode bias (0.4V)
011001 : DACC VDDA18 (1.8V)
011010 : DACC VDDCLK (0.9)
011011 : DACC VDDDAC (0.9)
011100 : DACC VSSA (0V)
011101 : DACC VSSESD (0V)
011110 : DACC VSSA (0V)
011111 : DACC main current source PMOS cascode bias (1.65V)
80
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com