Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC39J84IAAVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 1 Page - Texas Instruments

  DAC39J84IAAVR Datasheet HTML 1Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 2Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 3Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 4Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 5Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 6Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 7Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 8Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 146 page
background image
DAC39J84
16-bit DAC
16-bit DAC
16-bit DAC
16-bit DAC
xN
xN
xN
xN
RF
RF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DAC39J84
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter
with 12.5 Gbps JESD204B Interface
1 Features
3 Description
The DAC39J84 is a low power, 16-bit, quad-channel,
1
•
Resolution: 16-Bit
2.8 GSPS digital to analog converter (DAC) with
•
Maximum Sample Rate: 2.8GSPS
JESD204B interface.
•
Maximum Input Data Rate: 1.25GSPS
Digital data is input to the device through 1, 2, 4 or 8
•
JESD204B Interface
configurable serial JESD204B lanes running up to
–
8 JESD204B Serial Input Lanes
12.5
Gbps
with
on-chip
termination
and
programmable equalization. The interface allows
–
12.5 Gbps Maximum Bit Rate per Lane
JESD204B Subclass 1 SYSREF based deterministic
–
Subclass 1 Multi-DAC Synchronization
latency and full synchronization of multiple devices.
•
On-Chip Very Low Jitter PLL
The device includes features that simplify the design
•
Selectable 1x -16x Interpolation
of complex transmit architectures. Fully bypassable
•
Independent Complex Mixers with 48-bit NCO/ or
2x to 16x digital interpolation filters with over 90 dB of
±n×Fs/8
stop-band attenuation simplify the data interface and
reconstruction filters. An on-chip 48-bit Numerically
•
Wideband Digital Quadrature Modulator
Controlled
Oscillator
(NCO)
and
independent
Correction
complex mixers allow flexible and accurate carrier
•
Sinx/x Correction Filters
placement.
•
Fractional Sample Group Delay Correction
A high-performance low jitter PLL simplifies clocking
•
Multi-Band Mode: Digital Summation of
of the device without significant impact on the
Independent Complex Signals
dynamic range. The digital Quadrature Modulator
Correction (QMC) and Group Delay Correction (QDC)
•
3/4-Wire Serial Control Bus (SPI)
enable complete IQ compensation for gain, offset,
•
Integrated Temperature Sensor
phase, and group delay between channels in direct
•
JTAG Boundary Scan
up-conversion applications. A programmable Power
•
Pin-Compatible with Quad-Channel
Amplifier (PA) protection mechanism is available to
provide PA protection in cases when the abnormal
DAC37J84/DAC38J84 Family
power behavior of the input data is detected.
•
Power Dissipation: 1.8W at 2.8GSPS
•
Package: 10 mm x 10 mm, 144-Ball Flip-Chip
Device Information(1)
BGA
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DAC39J84
FCBGA (144)
10.00 mm x 10.00 mm
2 Applications
(1) For all available packages, see the orderable addendum at
•
Cellular Base Stations
the end of the datasheet.
•
Diversity Transmit
•
Wideband Communications
•
Direct Digital Synthesis (DDS) instruments
•
Defense/Military
•
Millimeter/Microwave Backhaul
•
Automated Test Equipment
•
Cable Infrastructure
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DAC39J84IAAVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC39J84IAAVR TI1-DAC39J84IAAVR Datasheet
3Mb / 149P
Digital-to-Analog Converter
More results

Similar Description - DAC39J84IAAVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84 Datasheet
1,012Kb / 77P
Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC37J82 TI-DAC37J82_15 Datasheet
2Mb / 119P
DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC38J82 TI-DAC38J82_15 Datasheet
2Mb / 119P
DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC3484 TI1-DAC3484_15 Datasheet
2Mb / 107P
Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC34SH84 TI1-DAC34SH84_15 Datasheet
1Mb / 93P
Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com