Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC39J84IAAVR Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 91 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 87Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 88Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 89Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 90Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 91Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 92Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 93Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 94Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 146 page
background image
DAC39J84
www.ti.com
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
7.5.1.48 config47 Register – Address: 0x2F, Default: 0x0004
Figure 129. config47 Register Format
15
14
13
12
11
10
9
8
reserved
titest_dieid_rea
reserved
reserved
d_ena
7
6
5
4
3
2
1
0
reserved
reserved
reserved
sifdac_ena
Table 78. config47 Register Field Descriptions
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config47
0x2F
15
reserved
Reserved
0
14
titest_dieid_read When asserted, the die ID can be read out after fuse autoload is finished
0
_ena
on register 100-107. When de-asserted normal function of the registers is
read out.
13
reserved
Reserved
0
12:3
reserved
Reserved
0000000000
2
reserved
Reserved
1
1
reserved
Reserved
0
0
sifdac_ena
When asserted the DAC output is set to the value in register sifdac.
0
7.5.1.49 config48 Register – Address: 0x30, Default: 0x0000
Figure 130. config48 Register Format
15
14
13
12
11
10
9
8
sifdc
7
6
5
4
3
2
1
0
sifdc
Table 79. config48 Register Field Descriptions
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config48
0x30
15:0
sifdc
This is the value that is sent to the digital blocks when register sifdac_ena
0x0000
is asserted.
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
91
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com