Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC39J84IAAVR Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 82 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 78Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 79Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 80Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 81Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 82Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 83Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 84Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 85Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 146 page
background image
DAC39J84
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
www.ti.com
7.5.1.30 config29 Register – Address: 0x1D, Default: 0x0000
Figure 111. config29 Register Format
15
14
13
12
11
10
9
8
reserved
7
6
5
4
3
2
1
0
reserved
Table 60. config29 Register Field Descriptions
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config29
0x1D
15:8
reserved
reserved
0x00
7:0
reserved
reserved
0x00
7.5.1.31 config30 Register – Address: 0x1E, Default: 0x1111
Figure 112. config30 Register Format
15
14
13
12
11
10
9
8
syncsel_ qmoffsetab
syncsel_ qmoffsetcd
7
6
5
4
3
2
1
0
syncsel_ qmcorrab
syncsel_ qmcorrcd
Table 61. config30 Register Field Descriptions
Register
Addr
Default
Bit
Name
Function
Name
(Hex)
Value
config30
0x1E
15:12
syncsel_ qmoffsetab
Select the sync for the QMCoffsetAB block. A ‘1’ in the selected bit
0x1
place allows the selected sync to pass to the block.
bit0 = auto-sync from SIF register write
bit1 = sysref
bit2 = sync_out from JESD
bit3 = sif_sync
11:8
syncsel_ qmoffsetcd
Select the sync for the QMCoffsetCD block. A ‘1’ in the selected bit
0x1
place allows the selected sync to pass to the block.
bit0 = auto-sync from SIF register write
bit1 = sysref
bit2 = sync_out from JESD
bit3 = sif_sync
7:4
syncsel_ qmcorrab
Select the sync for the QMCcorrAB block. A ‘1’ in the selected bit place
0x1
allows the selected sync to pass to the block.
bit0 = auto-sync from SIF register write
bit1 = sysref
bit2 = sync_out from JESD
bit3 = sif_sync
3:0
syncsel_ qmcorrcd
Select the sync for the QMCcorrCD block. A ‘1’ in the selected bit place
0x1
allows the selected sync to pass to the block.
bit0 = auto-sync from SIF register write
bit1 = sysref
bit2 = sync_out from JESD
bit3 = sif_sync
82
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com