Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC39J84IAAVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 2 Page - Texas Instruments

  DAC39J84IAAVR Datasheet HTML 1Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 2Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 3Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 4Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 5Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 6Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 7Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 8Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 146 page
background image
DAC39J84
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
www.ti.com
Table of Contents
7.2
Functional Block Diagram ....................................... 27
1
Features .................................................................. 1
7.3
Feature Description................................................. 28
2
Applications ........................................................... 1
7.4
Device Functional Modes........................................ 59
3
Description ............................................................. 1
7.5
Register Map........................................................... 62
4
Revision History..................................................... 2
8
Applications and Implementation .................... 129
5
Pin Configuration and Functions ......................... 3
8.1
Application Information.......................................... 129
6
Specifications......................................................... 6
8.2
Typical Applications .............................................. 129
6.1
Absolute Maximum Ratings ...................................... 6
8.3
Initialization Set Up ............................................... 135
6.2
ESD Ratings.............................................................. 7
9
Power Supply Recommendations .................... 136
6.3
Recommended Operating Conditions ....................... 7
10
Layout................................................................. 137
6.4
Thermal Information .................................................. 7
10.1
Layout Guidelines ............................................... 137
6.5
DC Electrical Characteristics .................................... 7
10.2
Layout Examples................................................. 138
6.6
Digital Electrical Characteristics.............................. 10
11
Device and Documentation Support ............... 140
6.7
AC Electrical Characteristics................................... 14
11.1
Trademarks ......................................................... 140
6.8
Timing Requirements .............................................. 16
11.2
Electrostatic Discharge Caution .......................... 140
6.9
Switching Characteristics ........................................ 17
11.3
Glossary .............................................................. 140
6.10
Typical Characteristics .......................................... 18
12
Mechanical, Packaging, and Orderable
7
Detailed Description ............................................ 27
Information ......................................................... 140
7.1
Overview ................................................................. 27
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (November 2014) to Revision A
Page
•
Added Storage temperature range to Absolute Maximum Ratings ........................................................................................ 6
•
Deleted Storage temperature from ESD Ratings ................................................................................................................... 7
•
Changed Handling Ratings to ESD Ratings........................................................................................................................... 7
•
Deleted Temperature Coefficients from DC Electrical Characteristics .................................................................................. 8
•
Added fDAC ≤ 2.5GSPS to POWER SUPPLY VDDDIG09, VDDDAC09, VDDCLK09, VDDT09 Test Conditions .................. 8
•
Added fDAC > 2.5GSPS to POWER SUPPLY VDDDIG09, VDDDAC09, VDDCLK09, VDDT09 ............................................ 8
•
Changed POWER CONSUMPTION MODE 1 values ............................................................................................................ 8
•
Changed PHASE LOCKED LOOP values .......................................................................................................................... 11
•
Deleted Digital Latency from AC Electrical Characteristics.................................................................................................. 14
•
Added DELAY/LATENCY to Timing Requirements.............................................................................................................. 16
2
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com