Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC39J84IAAVR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 18 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 14Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 15Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 16Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 17Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 18Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 19Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 20Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 21Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 146 page
background image
Output Frequency (MHz)
0
100
200
300
400
500
600
700
800
900
30
40
50
60
70
80
90
100
D001
0dBFS
-6dBFS
-12dBFS
Output Frequency (MHz)
0
50
100
150
200
250
300
350
400
450
500
30
40
50
60
70
80
90
100
D001
fdata = 1230MSPS, 2x interpolation
fdata = 625MSPS, 4x interpolation
fdata = 312.5MSPS, 8x interpolation
fdata = 156.25MSPS, 16x interpolation
Output Frequency (MHz)
0
100
200
300
400
500
600
700
800
900
30
40
50
60
70
80
90
100
D001
0dBFS
-6dBFS
-12dBFS
Output Frequency (MHz)
0
100
200
300
400
500
600
700
800
900
30
40
50
60
70
80
90
100
D001
0dBFS
-6dBFS
-12dBFS
Code
0
10000
20000
30000
40000
50000
60000
70000
-4
-3
-2
-1
0
1
2
3
4
5
6
D001
Code
0
10000
20000
30000
40000
50000
60000
70000
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
D001
DAC39J84
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
www.ti.com
6.10 Typical Characteristics
Unless otherwise noted, all plots are at TA = 25°C, VDDDAC09, VDDCLK09, VDDDIG09 and VDDT09 are at 0.9V, other
supplies are at nominal supply voltages, fDAC = 2800MSPS, 4x interpolation, 0dBFS digital input, 20mA full scale output
current with 2:1 transformer, LMF = 841 and PLL is disabled.
Figure 1. Integral Nonlinearity
Figure 2. Differential Nonlinearity
Figure 3. SFDR vs Output Frequency Over Input Scale
Figure 4. Second Harmonic Distortion vs Output Frequency
Over Input Scale
Figure 5. Third Harmonic Distortion vs Output Frequency
Figure 6. SFDR vs Output Frequency Over Interpolation
Over Input Scale
18
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com