Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC39J84IAAVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 3 Page - Texas Instruments

  DAC39J84IAAVR Datasheet HTML 1Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 2Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 3Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 4Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 5Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 6Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 7Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 8Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 146 page
background image
A
B
C
D
E
F
G
H
J
K
L
M
GND
IOUTAP
IOUTAN
IOUTBN
IOUTBP
GND
GND
IOUTCP
IOUTCN
IOUTDN
IOUTDP
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
DACCLKP
VDDAPLL18
EXTIO
RBIAS
SDIO
SDO
DACCLKN
LPF
ATEST
SCLK
SDENB
GND
GND
GND
GND
GND
GND
GND
RESETB
ALARM
SLEEP
SYSREFP
SYNCBP
GND
GND
GND
GND
SYNC_N_CD
NC
SYSREFN
SYNCBN
GND
GND
GND
GND
SYNC_N_AB
NC
GND
GND
IFORCE
GND
GND
GND
GND
TXENABLE
TDI
TDO
GND
GND
VSENSE
VDDDIG09
TCLK
TMS
GND
RX7P
GND
GND
AMUX1
AMUX0
TRSTB
TESTMODE
GND
RX3P
RX7N
GND
GND
GND
GND
GND
GND
GND
GND
RX3N
RX6N
RX6P
RX5P
RX5N
RX4N
RX4P
RX0P
RX0N
RX1N
RX1P
RX2P
RX2N
12
11
10
9
8
7
6
5
4
3
2
1
12
11
10
9
8
7
6
5
4
3
2
1
A
B
C
D
E
F
G
H
J
K
L
M
GND
VDDAPLL18
VDDS18
VDDS18
VDDCLK09
VDDCLK09
VDDDIG09
VDDT09
VDDT09
VDDR18
VDDR18
VDDDIG09
VDDDIG09
VDDDIG09
VDDDIG09
VDDDIG09
VDDDIG09
VDDDIG09
VDDDIG09
VDDIO18
VDDIO18
VDDAREF18
VDDADAC33
VDDADAC33
VDDADAC33
VDDADAC33
VDDAREF18
VDDDAC09
VDDDAC09
VDDDAC09
VDDDAC09
VDDDAC09
VDDDAC09
VQPS18
VQPS18
VDDDIG09
DAC39J84
www.ti.com
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
5 Pin Configuration and Functions
144-Ball Flip Chip BGA
AAV Package
(Top View)
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com