Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC39J84IAAVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 9Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 10Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 11Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 12Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 13Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 14Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 15Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 16Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 146 page
background image
DAC39J84
www.ti.com
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
Digital Electrical Characteristics (continued)
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, nominal supplies, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
pll_vco = '100000'(32)
4123.3
4127.0
4130.6
pll_vco = '100001'(33)
4137.9
4141.6
4145.3
pll_vco = '100010'(34)
4152.7
4156.5
4160.2
pll_vco = '100011'(35)
4167.7
4171.5
4175.3
pll_vco = '100100'(36)
4182.9
4186.7
4190.5
pll_vco = '100101'(37)
4198.2
4202.1
4205.9
pll_vco = '100110'(38)
4213.7
4217.6
4221.5
pll_vco = '100111'(39)
4229.4
4233.4
4237.3
pll_vco = '101000'(40)
4245.3
4249.3
4253.3
pll_vco = '101001'(41)
4261.3
4265.4
4269.4
pll_vco = '101010'(42)
4277.6
4281.6
4285.7
pll_vco = '101011'(43)
4294
4298.1
4302.2
PLL/VCO
pll_vco = '101100'(44)
4310.6
4314.7
4318.9
L-Band, pll_vcosel = '1', pll_vcoitune
Operating
MHz
= '10',
pll_vco = '101101'(45)
4327.3
4331.6
4335.8
Frequency
pll_vco = '101110'(46)
4344.3
4348.5
4352.8
pll_vco = '101111'(47)
4361.4
4365.7
4370
pll_vco = '110000'(48)
4378.7
4383.1
4387.4
pll_vco = '110001'(49)
4396.2
4400.6
4405
pll_vco = '110010'(50)
4413.9
4418.3
4423.68
pll_vco = '110011'(51)
4431.7
4436.2
4440.7
pll_vco = '110100'(52)
4449.7
4454.3
4458.8
pll_vco = '110101'(53)
4468
4472.5
4477.1
pll_vco = '110110'(54)
4486.3
4491.0
4495.6
pll_vco = '110111'(55)
4504.9
4509.6
4514.2
pll_vco = '111000'(56)
4523.6
4528.4
4533.1
pll_vco = '111001'(57)
4542.6
4547.3
4552.1
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com