Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC39J84IAAVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 4Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 5Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 6Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 7Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 8Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 9Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 10Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 11Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 146 page
background image
DAC39J84
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
www.ti.com
DC Electrical Characteristics (continued)
Typical values at TA = 25°C, full temperature range is TMIN = -40°C to TMAX = 85°C, nominal supplies, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE OUTPUT
VREF
Reference output voltage
0.9
V
Reference output current(1)
100
nA
REFERENCE INPUT
VEXTIO
Input voltage
External Reference Mode
0.1
0.9
1
V
Input resistance
1
M
Ω
Input capacitance
50
pF
POWER SUPPLY
VDDADAC33
3.15
3.3
3.45
V
VDDAPLL18, VDDAREF18, VDDS18,
1.71
1.8
1.89
V
VQPS18, VDDR18
VDDIO18
1.71
1.8
1.89
V
VDDDIG09, VDDDAC09, VDDCLK09,
fDAC≤2.5GSPS
0.85
0.9
1.05
V
VDDT09
fDAC>2.5GSPS
0.9
1.0
1.05
POWER CONSUMPTION
I(VDDADAC33)
Analog supply current
116
130
I(VDDDIG09)
Digital supply current
927
1150
MODE 1:
I(VDDDAC09)
DAC supply current
24
30
fDAC=2.8GSPS, 4x interpolation,
NCO on, QMC on, inverse sinc on,
I(VDDCLK09)
Clock supply current
109
140
mA
GDC off, PAP off, PLL off, LMF=841,
I(VDDT09)
SerDes core supply current
266
300
SerDes rate = 7Gbps, 20mA FS
output,
I(VDDR18)
SerDes analog supply current
25
35
IF=150MHz.
I(VDD18)
Other 1.8V supply current
42
65
P
Power Dissipation
1866
2190
mW
I(VDDADAC33)
Analog supply current
114
I(VDDDIG09)
Digital supply current
1026
MODE 2:
I(VDDDAC09)
DAC supply current
20
fDAC=2.5GSPS, 2x interpolation,
I(VDDCLK09)
Clock supply current
87
mA
NCO on, QMC on, invsinc on,
GDC off, PAP off, PLL on, LMF=841,
I(VDDT09)
SerDes core supply current
323
SerDes rate = 12.5Gbps,
I(VDDR18)
SerDes analog supply current
37
20mA FS output, IF=150MHz.
I(VDD18)
Other 1.8V supply current
58
P
Power Dissipation
1859
mW
I(VDDADAC33)
Analog supply current
114
I(VDDDIG09)
Digital supply current
556
MODE 3:
I(VDDDAC09)
DAC supply current
14
fDAC=1.47456GSPS, 2x interpolation,
NCO on, QMC off, invsinc off, GDC
I(VDDCLK09)
Clock supply current
51
mA
off,
I(VDDT09)
SerDes core supply current
260
PAP off, PLL off, LMF=841,
SerDes rate = 7.3728Gbps,
I(VDDR18)
SerDes analog supply current
24
20mA FS output, IF=150MHz.
I(VDD18)
Other 1.8V supply current
36
P
Power Dissipation
1277
mW
I(VDDADAC33)
Analog supply current
114
I(VDDDIG09)
Digital supply current
468
MODE 4:
I(VDDDAC09)
DAC supply current
14
fDAC=1.47456GSPS, 4x interpolation,
NCO on, QMC off, invsinc off,
I(VDDCLK09)
Clock supply current
50
mA
GDC off, PAP off, PLL off,
I(VDDT09)
SerDes core supply current
135
LMF=442,
SerDes rate = 7.3728Gbps,
I(VDDR18)
SerDes analog supply current
12
20mA FS output, IF=150MHz.
I(VDD18)
Other 1.8V supply current
36
P
Power Dissipation
1063
mW
(1)
Use an external buffer amplifier with high impedance input to drive any external load
8
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com