Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC39J84IAAVR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 26 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 22Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 23Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 24Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 25Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 26Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 27Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 28Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 29Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 146 page
background image
Ref
-22.2 dBm
Att
5 dB
*
*
*
*
1 RM
CLRWR
A
NOR
RBW 30 kHz
VBW 300 kHz
SWT 2 s
*
Center
150 MHz
Span
72 MHz
7.2 MHz/
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
Tx Channel
W-CDMA 3GPP FWD
Bandwidth
20 MHz
Power
-10.52 dBm
Adjacent Channel
Bandwidth
20 MHz
Lower
-76.59 dB
Spacing
21 MHz
Upper
-76.45 dB
Ref
-22.2 dBm
Att
5 dB
*
*
*
*
1 RM
CLRWR
A
NOR
RBW 30 kHz
VBW 300 kHz
SWT 2 s
*
Center
230 MHz
Span
72 MHz
7.2 MHz/
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
Tx Channel
W-CDMA 3GPP FWD
Bandwidth
20 MHz
Power
-10.60 dBm
Adjacent Channel
Bandwidth
20 MHz
Lower
-75.18 dB
Spacing
21 MHz
Upper
-75.20 dB
Ref
-19.8 dBm
Att
5 dB
*
*
*
*
1 RM
CLRWR
A
NOR
RBW 30 kHz
VBW 300 kHz
SWT 2 s
*
Center
230 MHz
Span
36 MHz
3.6 MHz/
-110
-100
-90
-80
-70
-60
-50
-40
-30
Tx Channel
W-CDMA 3GPP FWD
Bandwidth
10 MHz
Power
-11.18 dBm
Adjacent Channel
Bandwidth
10 MHz
Lower
-75.75 dB
Spacing
10.5 MHz
Upper
-75.41 dB
Ref
-22.2 dBm
Att
5 dB
*
*
*
*
1 RM
CLRWR
A
NOR
RBW 30 kHz
VBW 300 kHz
SWT 2 s
*
Center
70 MHz
Span
72 MHz
7.2 MHz/
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
Tx Channel
W-CDMA 3GPP FWD
Bandwidth
20 MHz
Power
-10.37 dBm
Adjacent Channel
Bandwidth
20 MHz
Lower
-77.51 dB
Spacing
21 MHz
Upper
-77.10 dB
Ref
-19.8 dBm
Att
5 dB
*
*
*
*
1 RM
CLRWR
A
NOR
RBW 30 kHz
VBW 300 kHz
SWT 2 s
*
Center
70 MHz
Span
36 MHz
3.6 MHz/
-110
-100
-90
-80
-70
-60
-50
-40
-30
Tx Channel
W-CDMA 3GPP FWD
Bandwidth
10 MHz
Power
-10.95 dBm
Adjacent Channel
Bandwidth
10 MHz
Lower
-78.52 dB
Spacing
10.5 MHz
Upper
-78.30 dB
Ref
-19.8 dBm
Att
5 dB
*
*
*
*
1 RM
CLRWR
A
NOR
RBW 30 kHz
VBW 300 kHz
SWT 2 s
*
Center
150 MHz
Span
36 MHz
3.6 MHz/
-110
-100
-90
-80
-70
-60
-50
-40
-30
Tx Channel
W-CDMA 3GPP FWD
Bandwidth
10 MHz
Power
-11.08 dBm
Adjacent Channel
Bandwidth
10 MHz
Lower
-77.90 dB
Spacing
10.5 MHz
Upper
-77.48 dB
DAC39J84
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
www.ti.com
Typical Characteristics (continued)
Unless otherwise noted, all plots are at TA = 25°C, VDDDAC09, VDDCLK09, VDDDIG09 and VDDT09 are at 0.9V, other
supplies are at nominal supply voltages, fDAC = 2800MSPS, 4x interpolation, 0dBFS digital input, 20mA full scale output
current with 2:1 transformer, LMF = 841 and PLL is disabled.
IF = 70MHz, fDAC=2457.6MSPS
IF = 150MHz, fDAC=2457.6MSPS
Figure 49. 10MHz Single Carrier LTE Test Mode 3.1
Figure 50. 10MHz Single Carrier LTE Test Mode 3.1
IF = 230MHz, fDAC=2457.6MSPS
IF = 70MHz, fDAC=2457.6MSPS
Figure 51. 10MHz Single Carrier LTE Test Mode 3.1
Figure 52. 20MHz Single Carrier LTE Test Mode 3.1
IF = 150MHz, fDAC=2457.6MSPS
IF = 230MHz, fDAC=2457.6MSPS
Figure 53. 20MHz Single Carrier LTE Test Mode 3.1
Figure 54. 20MHz Single Carrier LTE Test Mode 3.1
26
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com