Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC39J84IAAVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC39J84IAAVR
Description  DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC39J84IAAVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC39J84IAAVR Datasheet HTML 2Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 3Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 4Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 5Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 6Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 7Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 8Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 9Page - Texas Instruments DAC39J84IAAVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 146 page
background image
DAC39J84
SLASE48A – NOVEMBER 2014 – REVISED JANUARY 2015
www.ti.com
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NUMBER
Internal clock buffer supply voltage (0.9V). It is recommended to isolate this supply from
VDDCLK09
A8, B8
I
VDDDIG09.
D9, E9, F9, G9,
VDDDAC09
I
DAC core supply voltage. (0.9V). It is recommended to isolate this supply from VDDDIG09.
H9, J9
J7, J6, D5, J5,
Digital supply voltage. (0.9V). It is recommended to isolate this supply from VDDCLK09 and
VDDDIG09
D4, E4, F4, G4,
I
VDDDAC09.
H4, J4, D3
VDDIO18
K7, K6
I
Supply voltage for all digital I/O and CMOS I/O. (1.8V)
VDDR18
F2, G2
I
Supply voltage for SerDes (1.8V)
VDDS18
C7, C6
I
Supply voltage for LVDS SYNCBP/N (1.8V)
VDDT09
F3, G3
I
Supply voltage for SerDes termination (0.9V)
Fuse supply voltage. This supply pin is also used for factory fuse programming. Connect to
VQPS18
D7, D6
I
1.8V.
VSENSE
C4
I/O
Analog test pin for on chip parametric. It can be left open if not used.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDDDAC09, VDDDIG09
–0.3
1.3
V
VDDCLK09
–0.3
1.3
V
VDDT09
–0.3
1.3
V
Supply Voltage
Range(2)
VDDR18, VDDIO, VDDS18, VQPS18
–0.3
2.45
V
VDDAPLL18, VDDAREF18
–0.3
2.45
V
VDDADAC33
–0.3
4.0
V
RX[7..0]P/N
–0.5
VDDT09 + 0.5 V
V
SDENB, SCLK, SDIO, SDO, TXENA, ALARM, RESETB, SLEEP, TMS,
–0.5
VDDIO18 + 0.5 V
V
TCLK, TDI, TDO, TRSTB, TESTMODE, SYNC_N_AB, SYNC_N_CD
DACCLKP/N, SYSREFP/N
–0.5
VDDAPLL18 + 0.5 V
V
Terminal
SYNCBP/N
–0.5
VDDS18 + 0.5 V
V
Voltage
LPF
–0.5
VDDAPLL18 + 0.5 V
V
Range(2)
IOUTAP/N, IOUTBP/N, IOUTCP/N, IOUTDP/N
–0.5
1.0 V
V
RBIAS, EXTIO, ATEST
–0.5 VDDAREF18 + 0.5 V
V
IFORCE, VSENSE
–0.5
VDDDIG09 + 0.5 V
V
AMUX1, AMUX0
–0.5
VDDT09 + 0.5 V
V
Peak input current (any input)
20
mA
Peak total input current (all inputs)
–30
mA
Absolute maximum junction temperature TJ
150
°C
Operating free-air temperature, TA: DAC39J84
–40
85
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Measured with respect to GND.
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: DAC39J84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com